Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B110T Datasheet(PDF) 49 Page - SPANSION

Part # MB9B110T
Description  This document states the current technical specifications regarding
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B110T Datasheet(HTML) 49 Page - SPANSION

Back Button MB9B110T Datasheet HTML 45Page - SPANSION MB9B110T Datasheet HTML 46Page - SPANSION MB9B110T Datasheet HTML 47Page - SPANSION MB9B110T Datasheet HTML 48Page - SPANSION MB9B110T Datasheet HTML 49Page - SPANSION MB9B110T Datasheet HTML 50Page - SPANSION MB9B110T Datasheet HTML 51Page - SPANSION MB9B110T Datasheet HTML 52Page - SPANSION MB9B110T Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
D a t a S h e e t
46
MB9B110T-DS706-00016-3v0-E, February 10, 2015
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-176 LQFP-144 BGA-192
Multi-
Function
Timer
2
DTTI2X_0
Input signal of waveform generator to
control outputs RTO20 to RTO25 of
multi-function timer 2.
12
12
E4
DTTI2X_1
26
-
H2
FRCK2_0
16-bit free-run timer ch.2 external clock
input pin
128
104
C13
FRCK2_1
78
-
N10
IC20_0
16-bit input capture input pin of multi-
function timer 2.
ICxx describes channel number.
13
13
E5
IC20_1
25
-
H1
IC21_0
14
14
F1
IC21_1
79
-
L10
IC22_0
15
15
F2
IC22_1
80
-
K10
IC23_0
16
16
F3
IC23_1
81
-
M10
RTO20_0
(PPG20_0)
Waveform generator output of multi-
function timer 2.
This pin operates as PPG20 when it is
used in PPG2 output modes.
2
2
B2
RTO20_1
(PPG20_1)
139
-
C11
RTO21_0
(PPG20_0)
Waveform generator output of multi-
function timer 2.
This pin operates as PPG20 when it is
used in PPG2 output modes.
3
3
C2
RTO21_1
(PPG20_1)
140
-
D11
RTO22_0
(PPG22_0)
Waveform generator output of multi-
function timer 2.
This pin operates as PPG22 when it is
used in PPG2 output modes.
4
4
C3
RTO22_1
(PPG22_1)
141
-
B10
RTO23_0
(PPG22_0)
Waveform generator output of multi-
function timer 2.
This pin operates as PPG22 when it is
used in PPG2 output modes.
5
5
D5
RTO23_1
(PPG22_1)
142
-
C10
RTO24_0
(PPG24_0)
Waveform generator output of multi-
function timer 2.
This pin operates as PPG24 when it is
used in PPG2 output modes.
6
6
D2
RTO24_1
(PPG24_1)
143
-
D10
RTO25_0
(PPG24_0)
Waveform generator output of multi-
function timer 2.
This pin operates as PPG24 when it is
used in PPG2 output modes.
7
7
D1
RTO25_1
(PPG24_1)
144
-
B9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com