Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B110T Datasheet(PDF) 73 Page - SPANSION

Part # MB9B110T
Description  This document states the current technical specifications regarding
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B110T Datasheet(HTML) 73 Page - SPANSION

Back Button MB9B110T Datasheet HTML 69Page - SPANSION MB9B110T Datasheet HTML 70Page - SPANSION MB9B110T Datasheet HTML 71Page - SPANSION MB9B110T Datasheet HTML 72Page - SPANSION MB9B110T Datasheet HTML 73Page - SPANSION MB9B110T Datasheet HTML 74Page - SPANSION MB9B110T Datasheet HTML 75Page - SPANSION MB9B110T Datasheet HTML 76Page - SPANSION MB9B110T Datasheet HTML 77Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
D a t a S h e e t
70
MB9B110T-DS706-00016-3v0-E, February 10, 2015
CONFIDENTIAL
Pin
status
type
Function
group
Power-on reset
or low-voltage
detection state
INITX
input state
Device
internal
reset state
Run mode
or sleep
mode state
Timer mode or stop
mode state
Power supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
-
INITX=0
INITX=1
INITX=1
INITX=1
-
-
-
-
SPL=0
SPL=1
G
Trace
selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Trace output
GPIO
selected, or
resource
other than
above
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Hi-Z/
Internal input
fixed at "0"
H
External
interrupt
enabled
selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Maintain
previous state
GPIO
selected, or
resource
other than
above
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Hi-Z/
Internal input
fixed at "0"
I
GPIO
selected,
resource
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Maintain
previous
state
Maintain
previous state
Hi-Z/ Internal
input fixed at
"0"
J
NMIX
selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Maintain
previous state
GPIO
selected, or
resource
other than
above
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Hi-Z/
Internal input
fixed at "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com