Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B110T Datasheet(PDF) 9 Page - SPANSION

Part # MB9B110T
Description  This document states the current technical specifications regarding
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B110T Datasheet(HTML) 9 Page - SPANSION

Back Button MB9B110T Datasheet HTML 5Page - SPANSION MB9B110T Datasheet HTML 6Page - SPANSION MB9B110T Datasheet HTML 7Page - SPANSION MB9B110T Datasheet HTML 8Page - SPANSION MB9B110T Datasheet HTML 9Page - SPANSION MB9B110T Datasheet HTML 10Page - SPANSION MB9B110T Datasheet HTML 11Page - SPANSION MB9B110T Datasheet HTML 12Page - SPANSION MB9B110T Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 129 page
background image
D a t a S h e e t
6
MB9B110T-DS706-00016-3v0-E, February 10, 2015
CONFIDENTIAL
 Product Lineup
 Memory size
Product name
MB9BF116S/T
MB9BF117S/T
MB9BF118S/T
On-chip Flash memory
512 Kbytes
768 Kbytes
1 Mbytes
On-chip SRAM
64 Kbytes
96 Kbytes
128 Kbytes
 Function
Product name
MB9BF116S
MB9BF117S
MB9BF118S
MB9BF116T
MB9BF117T
MB9BF118T
Pin count
144
176/192
CPU
Cortex-M3
Freq.
144 MHz
Supply voltage range
2.7 V to 5.5 V
DMAC
8ch
External Bus Interface
Addr:19-bit (Max)
R/Wdata:8-/16-bit (Max)
CS: 8 (Max)
Support: SRAM, NOR &
NAND Flash memory
Addr:25-bit (Max)
R/Wdata:8-/16-bit (Max)
CS:8 (Max)
Support: SRAM, NOR &
NAND Flash memory
Multi-function Serial Interface
(UART/CSIO/LIN/I
2C)
8ch. (Max)
ch.4 to ch.7: FIFO (16steps ×9 bits)
ch.0 to ch.3: No FIFO
Base Timer
(PWC/ Reload timer/PWM/PPG)
16ch. (Max)
MF-
Timer
A/D activation
compare
3ch.
3 units (Max)
Input capture
4ch.
Free-run timer
3ch.
Output compare
6ch.
Waveform
generator
3ch.
PPG
3ch.
QPRC
3ch. (Max)
Dual Timer
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog timer
1ch. (SW) + 1ch. (HW)
External Interrupts
32 pins (Max) + NMI pin× 1
I/O ports
122 pins (Max)
154 pins (Max)
12-bit A/D converter
24ch. (3 units)
32ch. (3 units)
CSV (Clock Super Visor)
Yes
LVD (Low-Voltage Detector)
2ch.
Built-in CR
High-speed
4 MHz
Low-speed
100 kHz
Debug Function
SWJ-DP/ETM
Note: All signals of the peripheral function in each product cannot be allocated due to the pin count restriction
of a package. It is necessary to use the port relocate function of the I/O port according to functions used.
See " Electrical Characteristics 4.AC Characteristics (3)Built-in CR Oscillation Characteristics" for
accuracy of built-in CR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com