Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B320M Datasheet(PDF) 33 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 33 Page - SPANSION

Back Button MB9B320M Datasheet HTML 29Page - SPANSION MB9B320M Datasheet HTML 30Page - SPANSION MB9B320M Datasheet HTML 31Page - SPANSION MB9B320M Datasheet HTML 32Page - SPANSION MB9B320M Datasheet HTML 33Page - SPANSION MB9B320M Datasheet HTML 34Page - SPANSION MB9B320M Datasheet HTML 35Page - SPANSION MB9B320M Datasheet HTML 36Page - SPANSION MB9B320M Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 113 page
background image
D a t a S h e e t
30
MB9B320M_DS706-00049-3v0-E, March 18, 2015
CONFIDENTIAL
Pin
function
Pin name
Function description
Pin No
LQFP-80 BGA-96
LQFP-64
QFN-64
LQFP-48
QFN-48
Multi-
function
Serial
4
SIN4_0
Multi-function serial interface ch.4
input pin
67
C8
54
-
SIN4_1
55
E10
-
-
SOT4_0
(SDA4_0)
Multi-function serial interface ch.4
output pin.
This pin operates as SOT4 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA4 when it is
used in an I
2C (operation mode 4).
68
C7
55
-
SOT4_1
(SDA4_1)
56
E9
-
-
SCK4_0
(SCL4_0)
Multi-function serial interface ch.4
clock I/O pin.
This pin operates as SCK4 when it is
used in a CSIO (operation mode 2)
and as SCL4 when it is used in an I
2C
(operation mode 4).
69
B7
56
-
RTS4_0
Multi-function serial interface ch.4
RTS output pin
70
B6
-
-
CTS4_0
Multi-function serial interface ch.4
CTS input pin
71
C6
-
-
Multi-
function
Serial
5
SIN5_0
Multi-function serial interface ch.5
input pin
76
C4
60
44
SOT5_0
(SDA5_0)
Multi-function serial interface ch.5
output pin.
This pin operates as SOT5 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA5 when it is
used in an I
2C (operation mode 4).
75
B4
59
43
SCK5_0
(SCL5_0)
Multi-function serial interface ch.5
clock I/O pin.
This pin operates as SCK5 when it is
used in a CSIO (operation mode 2)
and as SCL5 when it is used in an I
2C
(operation mode 4).
74
C5
58
-
Multi-
function
Serial
6
SIN6_0
Multi-function serial interface ch.6
input pin
5
D1
-
-
SIN6_1
12
G2
8
-
SOT6_0
(SDA6_0)
Multi-function serial interface ch.6
output pin.
This pin operates as SOT6 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA6 when it is
used in an I
2C (operation mode 4).
6
D2
-
-
SOT6_1
(SDA6_1)
11
G1
7
-
SCK6_0
(SCL6_0)
Multi-function serial interface ch.6
clock I/O pin.
This pin operates as SCK6 when it is
used in a CSIO (operation mode 2)
and as SCL6 when it is used in an I
2C
(operation mode 4).
7
D3
-
-
SCK6_1
(SCL6_1)
10
E3
6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com