Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B320M Datasheet(PDF) 96 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 96 Page - SPANSION

Back Button MB9B320M Datasheet HTML 92Page - SPANSION MB9B320M Datasheet HTML 93Page - SPANSION MB9B320M Datasheet HTML 94Page - SPANSION MB9B320M Datasheet HTML 95Page - SPANSION MB9B320M Datasheet HTML 96Page - SPANSION MB9B320M Datasheet HTML 97Page - SPANSION MB9B320M Datasheet HTML 98Page - SPANSION MB9B320M Datasheet HTML 99Page - SPANSION MB9B320M Datasheet HTML 100Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B320M_DS706-00049-3v0-E
93
CONFIDENTIAL
10. Return Time from Low-Power Consumption Mode
(1) Return Factor: Interrupt/WKUP
The return time from Low-Power consumption mode is indicated as follows. It is from receiving the
return factor to starting the program operation.
 Return Count Time
(VCC = 2.7V to 5.5V, TA = - 40°C to + 105°C)
Parameter
Symbol
Value
Unit
Remarks
Typ
Max*
Sleep mode
tICNT
tCYCC
μs
High-speed CR Timer mode,
Main Timer mode,
PLL Timer mode
40
80
μs
Low-speed CR Timer mode
340
680
μs
Sub Timer mode
680
860
μs
RTC mode,
Stop mode
268
503
μs
Deep Standby RTC mode
Deep Standby Stop mode
308
583
μs
When RAM is off
268
503
μs
When RAM is on
*: The maximum value depends on the accuracy of built-in CR.
 Operation example of return from Low-Power consumption mode (by external interrupt*)
External
interrupt
tICNT
Interrupt factor
accept
CPU
Operation
Start
Active
Interrupt factor
clear by CPU
*: External interrupt is set to detecting fall edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com