Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B320M Datasheet(PDF) 35 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 35 Page - SPANSION

Back Button MB9B320M Datasheet HTML 31Page - SPANSION MB9B320M Datasheet HTML 32Page - SPANSION MB9B320M Datasheet HTML 33Page - SPANSION MB9B320M Datasheet HTML 34Page - SPANSION MB9B320M Datasheet HTML 35Page - SPANSION MB9B320M Datasheet HTML 36Page - SPANSION MB9B320M Datasheet HTML 37Page - SPANSION MB9B320M Datasheet HTML 38Page - SPANSION MB9B320M Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 113 page
background image
D a t a S h e e t
32
MB9B320M_DS706-00049-3v0-E, March 18, 2015
CONFIDENTIAL
Pin function
Pin name
Function description
Pin No
LQFP-80 BGA-96
LQFP-64
QFN-64
LQFP-48
QFN-48
Quadrature
Position/
Revolution
Counter 0
AIN0_0
QPRC ch.0 AIN input pin
9
E2
5
-
AIN0_1
30
K6
22
-
AIN0_2
2
C1
2
2
BIN0_0
QPRC ch.0 BIN input pin
10
E3
6
-
BIN0_1
31
J6
23
-
BIN0_2
3
C2
3
3
ZIN0_0
QPRC ch.0 ZIN input pin
11
G1
7
-
ZIN0_1
32
L7
24
-
ZIN0_2
4
B3
4
4
Quadrature
Position/
Revolution
Counter 1
AIN1_1
QPRC ch.1 AIN input pin
60
C10
-
-
AIN1_2
33
K7
25
-
BIN1_1
QPRC ch.1 BIN input pin
59
C11
-
-
BIN1_2
34
J7
26
-
ZIN1_1
QPRC ch.1 ZIN input pin
58
D9
-
-
ZIN1_2
35
K8
27
-
USB
UDM0
USB function/host D – pin
78
A3
62
46
UDP0
USB function/host D + pin
79
A2
63
47
UHCONX
USB external pull-up control pin
75
B4
59
43
Real-time clock
RTCCO_0
0.5 seconds pulse output pin of
Real-time clock
72
A6
57
42
RTCCO_2
14
H1
10
6
SUBOUT_0
Sub clock output pin
72
A6
57
42
SUBOUT_2
14
H1
10
6
Low-Power
Consumption
Mode
WKUP0
Deep standby mode return signal
input pin 0
72
A6
57
42
WKUP1
Deep standby mode return signal
input pin 1
43
J10
35
26
WKUP2
Deep standby mode return signal
input pin 2
59
C11
48
36
WKUP3
Deep standby mode return signal
input pin 3
76
C4
60
44
DAC
DA0
D/A converter ch.0 analog output
pin
30
K6
22
18
DA1
D/A converter ch.1 analog output
pin
31
J6
23
19
RESET
INITX
External Reset Input pin.
A reset is valid when INITX="L".
28
K4
21
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com