Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B320M Datasheet(PDF) 101 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 101 Page - SPANSION

Back Button MB9B320M Datasheet HTML 97Page - SPANSION MB9B320M Datasheet HTML 98Page - SPANSION MB9B320M Datasheet HTML 99Page - SPANSION MB9B320M Datasheet HTML 100Page - SPANSION MB9B320M Datasheet HTML 101Page - SPANSION MB9B320M Datasheet HTML 102Page - SPANSION MB9B320M Datasheet HTML 103Page - SPANSION MB9B320M Datasheet HTML 104Page - SPANSION MB9B320M Datasheet HTML 105Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 113 page
background image
D a t a S h e e t
98
MB9B320M_DS706-00049-3v0-E, March 18, 2015
CONFIDENTIAL
Part number
On-chip
Flash
memory
On-chip
SRAM
Package
Packin
g
MB9BF321MBGL-GE1
Main: 64 Kbyte
Work: 32 Kbyte
16 Kbyte
Plastic・PFBGA
(0.5 mm pitch), 96-pin
(BGA-96P-M07)
Tray
MB9BF322MBGL-GE1
Main: 128 Kbyte
Work: 32 Kbyte
16 Kbyte
MB9BF324MBGL-GE1
Main: 256 Kbyte
Work: 32 Kbyte
32 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com