Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B520M Datasheet(PDF) 110 Page - SPANSION

Part # MB9B520M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520M Datasheet(HTML) 110 Page - SPANSION

Back Button MB9B520M Datasheet HTML 105Page - SPANSION MB9B520M Datasheet HTML 106Page - SPANSION MB9B520M Datasheet HTML 107Page - SPANSION MB9B520M Datasheet HTML 108Page - SPANSION MB9B520M Datasheet HTML 109Page - SPANSION MB9B520M Datasheet HTML 110Page - SPANSION MB9B520M Datasheet HTML 111Page - SPANSION MB9B520M Datasheet HTML 112Page - SPANSION MB9B520M Datasheet HTML 113Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 110 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B520M_DS706-00048-3v0-E
107
CONFIDENTIAL
 Major Changes
Page
Section
Change Results
Revision 1.0
-
-
Preliminary → Data Sheet
2
FEATURES
• CAN Interface
Corrected the following description.
CAN Interface (Max 2channels) → CAN Interface
3
• A/D Converter (Max 26channels)
Revised the conversion time: 1.0μs → 0.8μs
6
• UniqueID
Added the "Unique ID".
7
PRODUCT LINEUP
• Function
Added the "Unique ID".
16 to 18
LIST OF PIN FUNCTIONS
• List of pin numbers
• Corrected the I/O circuit type.
• Corrected the Pin state type.
33
• List of pin functions
Corrected the Pin function.
39
I/O CIRCUIT TYPE
Added the "Type: L".
46
BLOCK DIAGRAM
Corrected the figure.
- TIOA: input → input/output
- TIOB: output → input
55
ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
Revised the value of "TBD".
57
2. Recommended Operating Conditions
Revised the Condition of "Operating temperature".
58, 59
3. DC Characteristics
(1) Current Rating
• Revised the value of "TBD".
• Added "Flash memory write/erase current".
62
4. AC Characteristics
(3) Built-in CR Oscillation Characteristics
• Revised the Condition.
• Revised the footnote.
63
(4-2) Operating Conditions of Main PLL (In the
case of using built-in high-speed CR for input clock
of main PLL)
Revised the value of "TBD".
79
5. 12-bit A/D Converter
• Electrical characteristics for the A/D converter
• Deleted "(Preliminary value)".
• Revised the conversion time.
Min: 1.0μs → 0.8μs
• Revised the value of "Compare clock cycle (AV
CC
≥ 4.5V )".
Min: 50ns → 40ns
• Revised the footnote.
82
6. 10-bit D/A Converter
Deleted "(Preliminary value)".
87
8. Low-Voltage Detection Characteristics
Revised the value of "TBD".
88
9. MainFlash Memory Write/Erase Characteristics
• Revised the value of "TBD".
• Revised the value of "Sector erase time".
- Large Sector Typ: 1.065s → 1.1s
- Small Sector Typ: 0.606s → 0.3s
• Revised the value of "Chip erase time".
Typ: 9.11s → 6.8s
• Deleted "(targeted value)".
Revision 1.1
-
-
Company name and layout design change
Revision 2.0
2
FEATURES
• On-chip Memories [Flash memory]
Revised the features of Dual operation Flash memory
• USB Interface [USB function]
Added the size of each endpoint.
3
• Multi-function Serial Interface [I2C]
Corrected the mode.
High speed mode → Fast mode
4
• General-Purpose I/O Port
Revised the features of 5V tolerant I/O.
• Multi-function Timer
Corrected the number of A/D activating compare channels.
3ch. → 2ch.
7
PRODUCT LINEUP
• Function
• Corrected the number of A/D activating compare channels.
3ch. → 2ch.
• Revised Built-in CR .
High-speed: 4MHz(± 2%) → 4MHz
Low-speed: 100kHz(Typ) → 100kHz
8
Revised the footnote.
21
LIST OF PIN FUNCTIONS
• List of pin numbers
Corrected the pin number of ZIN1_1.
24
• List of pin functions
Corrected the pin number of ADTG_2.
29
Corrected pin numbers of SIN0_1 and SOT0_1.
31
Corrected the pin number of DTTI0X_2.
37
I/O CIRCUIT TYPE
Corrested the I/O circuit figure.
TYPE H : GPIO Digital input → GPIO Digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com