Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B520M Datasheet(PDF) 111 Page - SPANSION

Part # MB9B520M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520M Datasheet(HTML) 111 Page - SPANSION

Back Button MB9B520M Datasheet HTML 105Page - SPANSION MB9B520M Datasheet HTML 106Page - SPANSION MB9B520M Datasheet HTML 107Page - SPANSION MB9B520M Datasheet HTML 108Page - SPANSION MB9B520M Datasheet HTML 109Page - SPANSION MB9B520M Datasheet HTML 110Page - SPANSION MB9B520M Datasheet HTML 111Page - SPANSION MB9B520M Datasheet HTML 112Page - SPANSION MB9B520M Datasheet HTML 113Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 111 / 113 page
background image
D a t a S h e e t
108
MB9B520M_DS706-00048-3v0-E, March 18, 2015
CONFIDENTIAL
Page
Section
Change Results
44
HANDLING DEVICES
• Sub crystal oscillator
Added the descriptions.
47
BLOCK DIAGRAM
Corrected the figure.
-A/D Activation Compare: 3ch → 2ch
49
MEMORY MAP
• Memory Map (2)
Added the explanatory note.
54
PIN STATUS IN EACH CPU STATE
• List of Pin Status
Added the pin function of selected Analog output about type L.
55
• Corrected the footnote.
Sub CR timer→ Low-speed CR tim
58
ELECTRICAL CHARACTERISTICS
2. Recommended Operating Conditions
• Added the note and footnote.
• Corrected the value of Analog reference voltage “AVRH”.
Min.: AVss → 2.7
59
3. DC Characteristics
(1) Current Rating
• Added notes and footnotes.
• Added the remarks of Icc.
• Added the frequency of main clock crystal oscillator in remarks.
63
4. AC Characteristics
(2) Sub clock input Characteristics
Added the footnote.
64
(3) Built-in CR Oscillation Characteristics
• Built-in High-speed CR
• Added "Frequency stabilization time"
• Added notes and footnotes.
66
(6) Power-on Reset Timing
• Added "Timing until releaseing Power-on reset"
• Added the timing chart
68
(8) CSIO Timing
• Corrected the title.
UART Timing → CSIO Timing
• Corrected the notefoot.
UART → Multi-function serial
70,72,74
Corrected the notefoot.
UART → Multi-function serial
79
(11) I
2C Timing
• Revised the Condition.
• Revised the footnote.
81
5. 12-bit A/D Converter
• Electrical characteristics for the A/D converter
• Changed the name of parameter.
•Non Linearity error → Integral Nonlinearity
•Differential linearity error → Differential Nonlinearity
• Changed the Symbol. Of Zero transition voltage.
VoT → VZT
• Changed the pin name.
AN00 to AN26 → ANxx
• Corrected the value of V
0T, VFST, Ts, Tstt, and reference voltage.
• Revides footnotes.
82
Change the figure.
AN00 to AN26 → ANxx
83
• Difinition of 12-bit A/D Converter Terms
•Linearity error → Integral Nonlinearity
•Differential linearity error → Differential Nonlinearity
• V
0T → VZT
84
6. 10-bit D/A Converter
• Electrical characteristics for the D/A converter
•Revised the remark of IDDA.
D/A operation → D/A 1unit operation
• Changed the name of parameter.
•Linearity error → Integral Nonlinearity
•Differential linearity error → Differential Nonlinearity
89
8. Low-Voltage Detection Characteristics
(1) Low-Voltage Detection Reset
• Corrected the condition and the value.
• Added the note and the footnote.
• Added “LVD detection delay time”.
90
(2) Interrupt of Low-Voltage Detection
• Corrected the condition and the value.
• Added “LVD detection delay time”.
91
9. Flash Memory Write/Erase Characteristics
Changed the title of Chapter.
Main Flash Memory Write/Erase Characteristics →
Flash Memory Write/Erase Characteristics
92
10. Return Time Low-Power Consumption Mode
Added the Chapter “Return Time from Low-Power Consumption Mode”.
Revision 3.0
2
Features
USB Interface
Added the description of PLL for USB
36, 37
I/O Circuit Type
Added about +B input
49
Memory Map
· Memory map(2)
Added the summary of Flash memory sector and the note
54
PIN STATUS IN EACH CPU STAE
· List of Pin Status
Changed the pin status of I-type
56, 57
Electrical Characteristics
1. Absolute Maximum Ratings
· Added the Clamp maximum current
· Added about +B input
59-61
Electrical Characteristics
3. DC Characteristics
(1) Current rating
· Changed the table format
· Added Main TIMER mode current
· Moved A/D Converter Current
· Moved D/A Converter Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com