Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528R Datasheet(PDF) 26 Page - SPANSION

Part # MB91F528R
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528R Datasheet(HTML) 26 Page - SPANSION

Back Button MB91F528R Datasheet HTML 22Page - SPANSION MB91F528R Datasheet HTML 23Page - SPANSION MB91F528R Datasheet HTML 24Page - SPANSION MB91F528R Datasheet HTML 25Page - SPANSION MB91F528R Datasheet HTML 26Page - SPANSION MB91F528R Datasheet HTML 27Page - SPANSION MB91F528R Datasheet HTML 28Page - SPANSION MB91F528R Datasheet HTML 29Page - SPANSION MB91F528R Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
23
CONFIDENTIAL
Pin Number
Pin Name
I/O
circuit
type
*
1
Function
*
2
144
176
208
BGA
416
23
29
33
T2
P040
-
A
General-purpose I/O port
A10
-
External Bus address bit10 output pin
PPG23_1
-
PPG ch.23 output pin(1)
TOT7_0
-
Reload timer ch.7 output pin(0)
AIN1_0
-
U/D counter ch.1 AIN input pin(0)
SIN0_1
-
Multi-function serial ch.0 serial data input
pin(1)
24
30
34
U1
P041
-
I
General-purpose I/O port
A11
-
External Bus address bit11 output pin
SIN9_0
-
Multi-function serial ch.9 serial data input
pin(0)
ICU9_1
-
Input capture ch.9 input pin(1)
BIN1_0
-
U/D counter ch.1 BIN input pin(0)
INT12_0
-
INT12 external interrupt input pin(0)
25
31
35
U2
P042
-
B
General-purpose I/O port
A12
-
External Bus address bit12 output pin
SOT9_0
-
Multi-function serial ch.9 serial data output
pin(0)
AN47
-
ADC analog 47 input pin
ICU8_1
-
Input capture ch.8 input pin(1)
TRG0_1
-
PPG trigger 0 input pin(1)
ZIN1_0
-
U/D counter ch.1 ZIN input pin(0)
26
32
36
V1
P043
-
A
General-purpose I/O port
A13
-
External Bus address bit13 output pin
ICU7_1
-
Input capture ch.7 input pin(1)
TRG1_1
-
PPG trigger 1 input pin(1)
27
33
37
V2
P044
-
A
General-purpose I/O port
A14
-
External Bus address bit14 output pin
SCS9_0
-
Serial chip select 9 I/O pin(0)
ICU6_1
-
Input capture ch.6 input pin(1)
TRG2_1
-
PPG trigger 2 input pin(1)
28
34
38
W1
P045
-
G
General-purpose I/O port
A15
-
External Bus address bit15 output pin
SCK9_0
-
Multi-function serial ch.9 clock I/O pin(0)
AN46
-
ADC analog 46 input pin
ICU5_1
-
Input capture ch.5 input pin(1)
TRG3_1
-
PPG trigger 3 input pin(1)
TOT1_2
-
Reload timer ch.1 output pin(2)
-
-
39
V3
P204
-
Q
General-purpose I/O port
SCK13_0/SCL13
-
Multi-function serial ch.13 clock I/O pin(0)/
I
2C bus serial clock I/O pin
AN59
-
ADC analog 59 input pin
PPG48_0
-
PPG ch.48 output pin(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com