Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528R Datasheet(PDF) 47 Page - SPANSION

Part # MB91F528R
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528R Datasheet(HTML) 47 Page - SPANSION

Back Button MB91F528R Datasheet HTML 43Page - SPANSION MB91F528R Datasheet HTML 44Page - SPANSION MB91F528R Datasheet HTML 45Page - SPANSION MB91F528R Datasheet HTML 46Page - SPANSION MB91F528R Datasheet HTML 47Page - SPANSION MB91F528R Datasheet HTML 48Page - SPANSION MB91F528R Datasheet HTML 49Page - SPANSION MB91F528R Datasheet HTML 50Page - SPANSION MB91F528R Datasheet HTML 51Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 241 page
background image
D a t a S h e e t
44
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
Type
Circuit
Remarks
E
- I
2C,General-purpose I/O port
- Output 3mA
- Pull-up resistor control 50kΩ
- I
2C hysteresis input
F
- General-purpose I/O port
- Output 4mA
- Pull-up resistor control 50kΩ
- CMOS hysteresis input
G
- Analog input, General-purpose I/O port
- Output 4mA
- Pull-up resistor control 50kΩ
- CMOS hysteresis input
H
- Analog input, General-purpose I/O port
- Output 12mA
- Pull-up resistor control 50kΩ
- Automotive input
Pull-up control
Digital output
Digital output
Automotive input
Standby control
Analog input
Pull-up control
Digital output
Digital output
CMOS-hys input
Standby control
Analog input
Pull-up control
Digital output
Digital output
CMOS-hys input
Standby control
Pull-up control
Digital output
Digital output
I
2C input
Standby control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com