Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F528R Datasheet(PDF) 43 Page - SPANSION

Part # MB91F528R
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528R Datasheet(HTML) 43 Page - SPANSION

Back Button MB91F528R Datasheet HTML 39Page - SPANSION MB91F528R Datasheet HTML 40Page - SPANSION MB91F528R Datasheet HTML 41Page - SPANSION MB91F528R Datasheet HTML 42Page - SPANSION MB91F528R Datasheet HTML 43Page - SPANSION MB91F528R Datasheet HTML 44Page - SPANSION MB91F528R Datasheet HTML 45Page - SPANSION MB91F528R Datasheet HTML 46Page - SPANSION MB91F528R Datasheet HTML 47Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 241 page
background image
D a t a S h e e t
40
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
Pin Number
Pin Name
I/O
circuit
type
*
1
Function
*
2
144
176
208
BGA
416
-
-
-
C6
P294
-
A
General-purpose I/O port
PPG86_0
-
PPG ch.86 output pin(0)
-
-
-
C5
P295
-
A
General-purpose I/O port
PPG87_0
-
PPG ch.87 output pin(0)
-
173
205
D6
P167
-
A
General-purpose I/O port
PPG35_1
-
PPG ch.35 output pin(1)
-
-
-
C4
P296
-
A
General-purpose I/O port
-
-
-
D5
P297
-
A
General-purpose I/O port
142
174
206
B5
P013
-
R
General-purpose I/O port
D27
-
External Bus data bit27 I/O pin
TIOA1_0
-
Base timer ch.1 TIOA I/O pin(0)
143
175
207
A4
P014
-
R
General-purpose I/O port
D28
-
External Bus data bit28 I/O pin
TIOB1_0
-
Base timer ch.1 TIOB input pin(0)
40
50
58
AF4
AVCC1
-
-
A/D, D/A converter unit1 analog power
supply pin
84
103
122
T26
AVCC0
-
-
A/D, D/A converter unit0 analog power
supply pin
42
52
60
AF5
AVRH1
-
-
A/D converter unit1 upper limit reference
voltage pin
83
102
121
U26
AVRH0
-
-
A/D converter unit0 upper limit reference
voltage pin
43
53
61
-
AVSS1/AVRL1
-
-
A/D, D/A converter unit1 GND/
A/D converter unit1 lower limit reference
voltage pin
-
-
-
AF7
AVSS1
-
-
A/D, D/A converter unit1 GND
-
-
-
AF6
AVRL1
-
-
A/D converter unit1 lower limit reference
voltage pin
82
101
120
-
AVSS0/AVRL0
-
-
A/D, D/A converter unit0 GND/
A/D converter unit0 lower limit reference
voltage pin
-
-
-
W26
AVSS0
-
-
A/D, D/A converter unit0 GND
-
-
-
V26
AVRL0
-
-
A/D converter unit0 lower limit reference
voltage pin
130
158
186
A13
C
-
-
External capacity connection output pin
-
-
63
AF10
VCC
-
-
Power supply (1)
45
55
104
AF11
72
88
134
AE10
109
133
157
AE11
124
152
180
AE24
-
-
-
AF24
-
-
-
N25
-
-
-
N26
-
-
-
A24
-
-
-
B24
-
-
-
A14
-
B14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com