Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LB Datasheet(PDF) 173 Page - SPANSION

Part # MB91F587LB
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LB Datasheet(HTML) 173 Page - SPANSION

Back Button MB91F587LB Datasheet HTML 169Page - SPANSION MB91F587LB Datasheet HTML 170Page - SPANSION MB91F587LB Datasheet HTML 171Page - SPANSION MB91F587LB Datasheet HTML 172Page - SPANSION MB91F587LB Datasheet HTML 173Page - SPANSION MB91F587LB Datasheet HTML 174Page - SPANSION MB91F587LB Datasheet HTML 175Page - SPANSION MB91F587LB Datasheet HTML 176Page - SPANSION MB91F587LB Datasheet HTML 177Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 173 / 177 page
background image
D at aS h ee t
170
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
PACKAGE DIMENSIONS
144-pin plastic LQFP
Lead pitch
0.50 mm
Package width
×
package length
20.0
× 20.0 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
1.20 g
Code
(Reference)
P-LFQFP144-20
×20-0.50
144-pin plastic LQFP
(FPT-144P-M08)
(FPT-144P-M08)
C
2003-2010 FUJITSU SEMICONDUCTOR LIMITED F144019S-c-4-8
Details of "A" part
0.25(.010)
(Stand off)
(.004±.004)
0.10±0.10
(.024±.006)
0.60±0.15
(.020±.008)
0.50±0.20
1.50
+0.20
–0.10
+.008
–.004
.059
0°~8°
0.50(.020)
"A"
0.08(.003)
0.145±0.055
(.006±.002)
LEAD No. 1
36
INDEX
37
72
73
108
109
144
0.22±0.05
(.009±.002)
M
0.08(.003)
22.00±0.20(.866±.008)SQ
(Mounting height)
* 20.00±0.10(.787±.004)SQ
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) *:Values do not include resin protrusion.
Resin protrusion is +0.25(.010)Max(each side).
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.
Please check the latest package dimension at the following URL.
http://edevice.fujitsu.com/package/en-search/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com