Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LB Datasheet(PDF) 176 Page - SPANSION

Part # MB91F587LB
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LB Datasheet(HTML) 176 Page - SPANSION

Back Button MB91F587LB Datasheet HTML 169Page - SPANSION MB91F587LB Datasheet HTML 170Page - SPANSION MB91F587LB Datasheet HTML 171Page - SPANSION MB91F587LB Datasheet HTML 172Page - SPANSION MB91F587LB Datasheet HTML 173Page - SPANSION MB91F587LB Datasheet HTML 174Page - SPANSION MB91F587LB Datasheet HTML 175Page - SPANSION MB91F587LB Datasheet HTML 176Page - SPANSION MB91F587LB Datasheet HTML 177Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 176 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
173
CONFIDENTIAL
Page
Section
Change Results
137, 139,
141, 143
■ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(4) Multi-function Serial
(4-1) CSIO timing (SMR:MD2-0="010"b)
(4-1-5) When the serial chip select is used
(SCSCR:CSEN=1)
•
Serial clock output signal detect level "H"
(SMR,SCSFR:SCINV=0)
•
Serial chip select inactive level "H"
(SCSCR,SCSFR:CSLVL=1)
(4-1-6) When the serial chip select is used
(SCSCR:CSEN=1)
•
Serial clock output signal detect level "L"
(SMR,SCSFR:SCINV=1)
•
Serial chip select inactive level "H"
(SCSCR,SCSFR:CSLVL=1)
(4-1-7) When the serial chip select is used
(SCSCR:CSEN=1)
•
Serial clock output signal detect level "H"
(SMR,SCSFR:SCINV=0)
•
Serial chip select inactive level "L"
(SCSCR,SCSFR:CSLVL=0)
(4-1-8) When the serial chip select is used
(SCSCR:CSEN=1)
•
Serial clock output signal detect level "L"
(SMR,SCSFR:SCINV=1)
•
Serial chip select inactive level "L"
(SCSCR,SCSFR:CSLVL=0)
The specifications of tCSSI, tCSHI and tCSDI are corrected.
·tCSSI
Min: -50-tCSSU*1
Max: +0-tCSSU*1
↓
Min: tCSSU*1+0
Max: tCSSU*1+50
·tCSHI
Min: +0+tCSHD*2
Max: +50+tCSHD*2
↓
Min: tCSHD*2-50
Max: tCSHD*2+0
·tCSDI
Min: -50+tCSDS*3
Max: +50+tCSDS*3
↓
Min: -50+5tCPP+tCSDS*3
Max: +50+5tCPP+tCSDS*3
146
■ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(4) Multi-function Serial
(4-4) I2C timing (SMR:MD2-0="100"b)
The explanatory note *1 is corrected.
*1: R and C represent the pull-up resistance and load capacitance of the SCL
and SDA output lines, respectively. VP shows that the power supply voltage
of the pull-up resistor and IOL shows the VOL guarantee current.
↓
*1: R and CL represent the pull-up resistance and load capacitance of the
SCL and SDA output lines, respectively. VP shows that the power supply
voltage of the pull-up resistor and IOL shows the VOL guarantee current.
162
■ELECTRICAL CHARACTERISTICS
7. Flash memory
Item name is changed.
(1) Main Flash
↓
(1) Electrical Characteristics
162
■ELECTRICAL CHARACTERISTICS
7. Flash memory
The remark of " Erase cycle*2 / Data retention time " is corrected.
Temperature at writing/erasing
Tj <+105°C
Average temperature TA=+85°C *3
↓
Average temperature TA=+85°C *3
164
■ELECTRICAL CHARACTERISTICS
8. R/D Converter
The remark of " Amplitude" of "Resolver response signal*1 " is added.
More than 2Vp-p
165-168
■EXAMPLE CHARACTERISTICS
"■EXAMPLE CHARACTERISTICS" is newly added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com