Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LB Datasheet(PDF) 175 Page - SPANSION

Part # MB91F587LB
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LB Datasheet(HTML) 175 Page - SPANSION

Back Button MB91F587LB Datasheet HTML 169Page - SPANSION MB91F587LB Datasheet HTML 170Page - SPANSION MB91F587LB Datasheet HTML 171Page - SPANSION MB91F587LB Datasheet HTML 172Page - SPANSION MB91F587LB Datasheet HTML 173Page - SPANSION MB91F587LB Datasheet HTML 174Page - SPANSION MB91F587LB Datasheet HTML 175Page - SPANSION MB91F587LB Datasheet HTML 176Page - SPANSION MB91F587LB Datasheet HTML 177Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 175 / 177 page
background image
D at aS h ee t
172
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
Page
Section
Change Results
62, 97
■I/O MAP
Address: 00150EH, 001510H, 001511H, 001512H,
001513H
The registers are deleted.
SCSCR0, SCSTR30, SCSTR20, SCSTR10, SCSTR00
73, 108
■I/O MAP
Address:00D310H
The initial value of MHDS is corrected.
-0000000 -0000000 -0000000 10000000
↓
-0000000 -0000000 -0000000 00000000
114
■ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
The remark of "Operating temperature" is corrected.
*10
↓
*10, *11
115
■ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
The explanatory note *11 is added.
*11: When it is used exceeding TA=125°C, contact your sales representative.
116
■ELECTRICAL CHARACTERISTICS
2. Recommended operating conditions
"Smoothing capacitor" is changed.
Smoothing capacitor*
↓
Smoothing capacitor*1
116
■ELECTRICAL CHARACTERISTICS
2. Recommended operating conditions
The remark of “Operating temperature” is added.
*2
116
■ELECTRICAL CHARACTERISTICS
2. Recommended operating conditions
The explanatory note is corrected.
*: For connection of smoothing capacitor CS, see the figure below.
↓
*1: For connection of smoothing capacitor CS, see the figure below.
*2: When it is used exceeding TA=125°C, contact your sales representative.
117
■ELECTRICAL CHARACTERISTICS
3. DC Characteristics
The specification of "H" level input voltage of P003 - P007, P010 is
corrected.
Min:0.65 ×Vcc
↓
Min: 0.7 × Vcc
118
■ELECTRICAL CHARACTERISTICS
3. DC Characteristics
The specification of "L" level input voltage of P003 - P007, P010 is
corrected.
Max:0.35 ×Vcc
↓
Max: 0.3 × Vcc
124
■ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(1) Main Clock Timing
The remark of "CAN PLL jitter" is deleted.
124
■ELECTRICAL CHARACTERISTICS
4. AC Characteristics
(1) Main Clock Timing
The specification of "The Built-in CR oscillation frequency" is corrected.
Min: 90kHz,
Max: 110kHz
↓
Min:50kHz
Max:150kHz,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com