Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LC Datasheet(PDF) 37 Page - SPANSION

Part # MB91F587LC
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LC Datasheet(HTML) 37 Page - SPANSION

Back Button MB91F587LC Datasheet HTML 33Page - SPANSION MB91F587LC Datasheet HTML 34Page - SPANSION MB91F587LC Datasheet HTML 35Page - SPANSION MB91F587LC Datasheet HTML 36Page - SPANSION MB91F587LC Datasheet HTML 37Page - SPANSION MB91F587LC Datasheet HTML 38Page - SPANSION MB91F587LC Datasheet HTML 39Page - SPANSION MB91F587LC Datasheet HTML 40Page - SPANSION MB91F587LC Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 177 page
background image
D at aS h ee t
34
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
HANDLING DEVICES
The latch-up prevention and pin processing are explained below.
•
For latch-up prevention
If a voltage higher than VCC or a voltage lower than VSS is applied to an I/O pin, or if a voltage exceeding
the ratings is applied between VCC and VSS pins, a latch-up may occur in CMOS IC. If the latch-up occurs,
the power supply current increases excessively and device elements may be damaged by heat. Take care to
prevent any voltage from exceeding the maximum ratings in device application.
Also, the analog power supplies (AVCC0*, AVCC3, AVRH0*, AVRH1, AVRH2, AVRH3) and analog input
must not exceed the digital power supply (VCC5) when the power supply to the analog system is turned on
or off.
In the correct power-on sequence, turn on the digital power supply voltage (VCC5) and analog power
supply voltages (AVCC0*, AVCC3, AVRH0*, AVRH1, AVRH2, AVRH3) simultaneously. Alternatively,
turn on the digital power supply voltage (VCC5) first, and then turn on the analog power supplies (AVCC0*,
AVCC3, AVRH0*, AVRH1, AVRH2, AVRH3).
*: MB91F585LA/F586LA/F587LA/F585LC/F586LC/F587LC only
•
Treatment of unused pins
If unused input pins are left open, they may cause a permanent damage to the device due to device
malfunction or latch-up. Connect a 2kΩ or higher resistor to each of unused input pins for pull-up or
pull-down processing.
Also, if I/O pins are not used, they must be set to the output state for releasing or they must be set to the
input state and treated in the same way as for the input pins.
•
Power supply pins
The device is designed to ensure that if the device contains multiple VCC or VSS pins, the pins that should
be at the same potential are interconnected to prevent latch-up or other malfunctions. Further, connect these
pins to an external power supply or ground to reduce unwanted radiation, prevent strobe signals from
malfunctioning due to a raised ground level, and fulfill the total output current standard, etc. As shown
below, all VSS power supply pins must be treated in the similar way. If multiple VCC or VSS systems are
connected, the device cannot operate correctly even within the guaranteed operating range.
Power Supply Input Pins
The power supply pins should be connected to VCC and VSS of this device at the low impedance from the
power supply source.
In the area close to this device, a ceramic capacitor having the capacitance larger than the capacitor of C pin
is recommended to use as a bypass capacitor between VCC and VSS pins.
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com