Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LC Datasheet(PDF) 20 Page - SPANSION

Part # MB91F587LC
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LC Datasheet(HTML) 20 Page - SPANSION

Back Button MB91F587LC Datasheet HTML 16Page - SPANSION MB91F587LC Datasheet HTML 17Page - SPANSION MB91F587LC Datasheet HTML 18Page - SPANSION MB91F587LC Datasheet HTML 19Page - SPANSION MB91F587LC Datasheet HTML 20Page - SPANSION MB91F587LC Datasheet HTML 21Page - SPANSION MB91F587LC Datasheet HTML 22Page - SPANSION MB91F587LC Datasheet HTML 23Page - SPANSION MB91F587LC Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
17
CONFIDENTIAL
•
MB91F585LB/F586LB/F587LB/F585LD/F586LD/F587LD
Pin No.
Pin name
I/O circuit
type*1
Function
118
X0
A
Main clock oscillation input pin
119
X1
Main clock oscillation output pin
95
NMIX
B
Interrupt input pin without mask
123
RSTX
B
External reset input pin
116
MD0
C
Mode pin 0 (with high-voltage control)
117
MD1
C
Mode pin 1 (with high-voltage control)
131
P000
E
General-purpose I/O port
D16
External bus data bit16 I/O pin
INT2
INT2 external interrupt input pin
SIN1
Multi-function serial ch.1 serial data input pin
132
P001
K
General-purpose I/O port
D17
External bus data bit17 I/O pin
SOT1
Multi-function serial ch.1 serial data output pin/
I2C ch.1 serial data I/O pin (SDA)
133
P002
K
General-purpose I/O port
D18
External bus data bit18 I/O pin
SCK1
Multi-function serial ch.1 clock I/O pin /
I2C ch.1 clock I/O pin (SCL)
134
P003
O
General-purpose I/O port
D19
External bus data bit19 I/O pin
TXENA
FlexRay ch.A operation enable output pin
INT3
INT3 external interrupt input pin
SIN2
Multi-function serial ch.2 serial data input pin
135
P004
N
General-purpose I/O port
D20
External bus data bit20 I/O pin
TXDA
FlexRay ch.A data output pin
SOT2
Multi-function serial ch.2 serial data output pin
136
P005
N
General-purpose I/O port
D21
External bus data bit21 I/O pin
RXDA
FlexRay ch.A data input pin
SCK2
Multi-function serial ch.2 clock I/O pin
137
P006
N
General-purpose I/O port
D22
External bus data bit22 I/O pin
TXENB
FlexRay ch.B operation enable output pin
SCS2
Multi-function serial ch.2 serial chip select I/O pin
138
P007
N
General-purpose I/O port
D23
External bus data bit23 I/O pin
TXDB
FlexRay ch.B data output pin
139
P010
N
General-purpose I/O port
D24
External bus data bit24 I/O pin
RXDB
FlexRay ch.B data input pin
140
P011
D
General-purpose I/O port
D25
External bus data bit25 I/O pin
TIOA0
Base timer ch.0 TIOA I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com