Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LC Datasheet(PDF) 7 Page - SPANSION

Part # MB91F587LC
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LC Datasheet(HTML) 7 Page - SPANSION

Back Button MB91F587LC Datasheet HTML 3Page - SPANSION MB91F587LC Datasheet HTML 4Page - SPANSION MB91F587LC Datasheet HTML 5Page - SPANSION MB91F587LC Datasheet HTML 6Page - SPANSION MB91F587LC Datasheet HTML 7Page - SPANSION MB91F587LC Datasheet HTML 8Page - SPANSION MB91F587LC Datasheet HTML 9Page - SPANSION MB91F587LC Datasheet HTML 10Page - SPANSION MB91F587LC Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 177 page
background image
D at aS h ee t
4
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
•
Clock Supervisor
•
Anomaly supervisory feature (by damaged quartz, etc.) of external main oscillation (4MHz)
•
When anomaly is detected, clock is switched to CR.
•
Up/ down counter: 2 channels
8/16-bit Up/ down counter
•
Base timer: 2 channels
•
16-bit timer
•
Any of four PWM/PPG/PWC/reload timer functions can be selected and used.
•
As for the functions of PWC and reload timer, 2 channels of cascade mode can be used as 32-bit
timer..
•
CRC generation
•
Watchdog timer
•
Hardware watchdog
•
Software watchdog
•
NMI
•
Interrupt controller
•
Interrupt request batch read
Multiple interrupts from peripherals can be read by a series of registers.
•
I/O relocation
Change of pin position of peripheral functions
•
Low-power consumption mode
•
Sleep/Stop/Watch
•
Stop (Power shut-off)/Watch (Power shut-off)
•
Power-on reset
•
Low-voltage detection reset (external low-voltage detection)
•
Low-voltage detection reset (internal low-voltage detection)
•
Device package: LQFP-144
•
CMOS 90 nm technology
•
Power supplies
•
Single 5V power supply
•
The voltage step-down circuit brings the 5.0V down to generate 1.2V internally
•
I/O 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com