Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LC Datasheet(PDF) 149 Page - SPANSION

Part # MB91F587LC
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LC Datasheet(HTML) 149 Page - SPANSION

Back Button MB91F587LC Datasheet HTML 145Page - SPANSION MB91F587LC Datasheet HTML 146Page - SPANSION MB91F587LC Datasheet HTML 147Page - SPANSION MB91F587LC Datasheet HTML 148Page - SPANSION MB91F587LC Datasheet HTML 149Page - SPANSION MB91F587LC Datasheet HTML 150Page - SPANSION MB91F587LC Datasheet HTML 151Page - SPANSION MB91F587LC Datasheet HTML 152Page - SPANSION MB91F587LC Datasheet HTML 153Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 177 page
background image
D at aS h ee t
146
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
(4-4) I2C timing (SMR:MD2-0="100"b)
(TA: Recommended operating conditions, VCC=5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Standard
mode
High-speed
mode*3
Unit Remarks
Min Max Min
Max
SCL clock
frequency
fSCL
SCK0,SCK1,
SCK3,SCK4,
SCK3_1,SCK4_1
(SCL)
CL=50pF
R=(VP/IOL)
*1
0
100
0
400
kHz
"Repeat START
condition"
hold time
SDA ↓ → SCL ↓
tHDSTA
SCK0,SCK1,
SCK3,SCK4,
SCK3_1,SCK4_1
(SCL)
SOT0,SOT1,
SOT3,SOT4,
SOT3_1,SOT4_1
(SDA)
4.0
-
0.6
-
µs
"L" width
for SCL clock
tLOW
SCK0,SCK1,
SCK3,SCK4,
SCK3_1,SCK4_1
(SCL)
4.7
-
1.3
-
µs
"H" width
for SCL clock
tHIGH
4.0
-
0.6
-
µs
"Repeat START
condition"
setup time
SCL ↑ → SDA ↓
tSUSTA
SCK0,SCK1,
SCK3,SCK4,
SCK3_1,SCK4_1
(SCL)
SOT0,SOT1,
SOT3,SOT4,
SOT3_1,SOT4_1
(SDA)
4.7
-
0.6
-
µs
Data hold time
SCL ↓ → SDA ↓ ↑ tHDDAT
0
3.45
*2
0
0.90
*3
µs
Data setup time
SDA ↓ ↑ → SCL ↑ tSUDAT
250
-
100
-
ns
"STOP condition"
setup time
SCL ↑ → SDA ↑
tSUSTO
4.0
-
0.6
-
µs
Bus free time
between "STOP
condition" and
"START condition"
tBUF
-
4.7
-
1.3
-
µs
Noise filter
tSP
-
2tCPP
*4
-
2tCPP
*4
-
ns
*1: R and CL represent the pull-up resistance and load capacitance of the SCL and SDA output lines, respectively.
VP shows that the power supply voltage of the pull-up resistor and IOL shows the VOL guarantee current.
*2: The maximum tHDDAT only has to be met if the device does not extend the "L" width (tLOW) of the SCL signal.
*3: A high-speed mode I2C bus device can be used on a standard mode I2C bus system as long as the device
satisfies the requirement of "tSUDAT ≥ 250 ns".
*4: tCPP is the peripheral clock cycle time. Adjust the clock of the peripheral bus to 8MHz or more when use I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com