Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14071 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14071
Description  14-Bit, 7 MSPS, 380 mW A/D Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14071 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC14071 Datasheet HTML 1Page - National Semiconductor (TI) ADC14071 Datasheet HTML 2Page - National Semiconductor (TI) ADC14071 Datasheet HTML 3Page - National Semiconductor (TI) ADC14071 Datasheet HTML 4Page - National Semiconductor (TI) ADC14071 Datasheet HTML 5Page - National Semiconductor (TI) ADC14071 Datasheet HTML 6Page - National Semiconductor (TI) ADC14071 Datasheet HTML 7Page - National Semiconductor (TI) ADC14071 Datasheet HTML 8Page - National Semiconductor (TI) ADC14071 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ADC14071
14-Bit, 7 MSPS, 380 mW A/D Converter
General Description
The ADC14071 is a 14-bit, monotholic analog to digital con-
verter capable of conversion rates up to 8 Megasamples per
second. This CMOS converter uses a differential, piperlined
architecture with digital error correction and an on-chip
track-and-hold circuit to maintain superb dynamic perfor-
mance with input frequencies up to 20MHz. Tested and guar-
anteed dynamic performance specifications provide the de-
signer with known performance. The ADC14071 operates on
a +5V single supply consuming just 380mW (typical). The
Power Down feature reduces power consumption to 20mW,
typical.
The differential inputs provide a full scale input swing of
±V
REF with the possibility of a single input. Full use of the dif-
ferential input is recommended for optimum perfomance. For
ease of use, the reference input is single ended. This single-
ended reference input is converted on-chip to a differential
reference configuration for use by the processing circuitry.
Output data format is 14-bit straight binary.
The ADC14071 may be used to replace many hybrid con-
verters with a resultant saving of space, power and cost.
The ADC14071 comes in a 48-pin TQFP and is specified to
operate over the industrial temperature range of −40˚C to
+85˚C.
Features
n Single +5V Operation
n Power Down Mode
n TTL/CMOS Input/Output Compatible
Key Specifications
n Resolution
14 Bits
n Max Conversion Rate
7 Msps (min)
n DNL
±0.6 LSB (typ)
n SNR (fIN = 500 kHz)
80 dB (typ)
n ENOB (fW = 500 kHz)
12.6 Bits (typ)
n Supply Voltage
+5V ±5%
n Power Consumption
380 mW (typ)
Applications
n Document Scanners
n Imaging
n Instrumentation
n PC-Based Data Acquisition
n Spectrum Analyzers
n Sonar/Radar
n xDSL
n Wireless Local Loop
n Data Acquisition Systems
n DSP Front End
Connection Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS101101-1
November 1999
© 1999 National Semiconductor Corporation
DS101101
www.national.com


Similar Part No. - ADC14071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14061CCVT NSC-ADC14061CCVT Datasheet
471Kb / 20P
Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
More results

Similar Description - ADC14071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
logo
Analog Devices
AD9725 AD-AD9725 Datasheet
267Kb / 16P
14-Bit, 600 MSPS D/A Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Analog Devices
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
logo
National Semiconductor ...
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Analog Devices
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
14-Bit, 600 MSPS D/A Converter
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com