Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1186 Datasheet(PDF) 39 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 39 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 35Page - Microchip Technology EMC1186 Datasheet HTML 36Page - Microchip Technology EMC1186 Datasheet HTML 37Page - Microchip Technology EMC1186 Datasheet HTML 38Page - Microchip Technology EMC1186 Datasheet HTML 39Page - Microchip Technology EMC1186 Datasheet HTML 40Page - Microchip Technology EMC1186 Datasheet HTML 41Page - Microchip Technology EMC1186 Datasheet HTML 42Page - Microchip Technology EMC1186 Datasheet HTML 43Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
SMSC EMC1186
39
Revision 1.0 (07-11-13)
DATASHEET
Temperature Error vs. Series Resistance
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
0
20
40
60
80
100
120
RECEnabled
RECDisabled
Series R(Ohm)
Tem perature Error vs. Am bient Tem perature
(2N3904, T
DIODE = 27°C, V DD = 3.3V )
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-40
-25 -10
5
20
35
50
65
80
95
110 125
Am bient Tem perature (°C)
EXT2 - APD
EXT3 - APD
S upply Curre nt vs. Conve rsion Ra te
200
300
400
500
600
700
800
900
1000
1100
1200
124
8
16
32
64
Conve rsion Ra te
Dy namic
A v eraging
Enabled
Dy namic
A v eraging
Dis abled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com