Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1186 Datasheet(PDF) 8 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 8 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 4Page - Microchip Technology EMC1186 Datasheet HTML 5Page - Microchip Technology EMC1186 Datasheet HTML 6Page - Microchip Technology EMC1186 Datasheet HTML 7Page - Microchip Technology EMC1186 Datasheet HTML 8Page - Microchip Technology EMC1186 Datasheet HTML 9Page - Microchip Technology EMC1186 Datasheet HTML 10Page - Microchip Technology EMC1186 Datasheet HTML 11Page - Microchip Technology EMC1186 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
SM DATA
SM CLK
1
2
3
4
ALERT
DN
SYS_SHDN
GN D
E xposed pad
DP
VDD
8
7
6
5
EM C 1186
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
8
SMSC EMC1186
DATASHEET
Chapter 2 Pin Description
The pin types are described Table 2.2.
Figure 2.1 EMC1186 Pin Diagram, TDFN-8 2mm x 3mm
Table 2.1 EMC1186 Pin Description
PIN NUMBER
NAME
FUNCTION
TYPE
1
VDD
Power supply
Power
2
DP
External diode positive (anode) connection
AIO
3
DN
External diode negative (cathode) connection
AIO
4
SYS_SHDN
Active low system shutdown output signal -
requires pull-up resistor which selects the
Hardware Thermal Shutdown Limit
OD (5V)
5
GND
Ground
Power
6ALERT
Active low digital ALERT output signal -
requires pull-up resistor
OD (5V)
7SMDATA
SMBus Data input/output - requires pull-up
resistor
DIOD (5V)
8
SMCLK
SMBus Clock input - requires pull-up resistor
DI (5V)
Bottom Pad
Exposed Pad
Not internally connected, but recommend
grounding.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com