Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1186 Datasheet(PDF) 19 Page - Microchip Technology

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1186 Datasheet(HTML) 19 Page - Microchip Technology

Back Button EMC1186 Datasheet HTML 15Page - Microchip Technology EMC1186 Datasheet HTML 16Page - Microchip Technology EMC1186 Datasheet HTML 17Page - Microchip Technology EMC1186 Datasheet HTML 18Page - Microchip Technology EMC1186 Datasheet HTML 19Page - Microchip Technology EMC1186 Datasheet HTML 20Page - Microchip Technology EMC1186 Datasheet HTML 21Page - Microchip Technology EMC1186 Datasheet HTML 22Page - Microchip Technology EMC1186 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Temperature
Conversion
Function
Select
HW_SHDN
H/W Thermal
Shutdown Sensor
Hardware Thermal Shutdown
SMBus
Traffic
SW_SHDN
3.3V
ALERT
SYS_SHDN
Software
Shutdown Enable
3.3V
Temperature
Conversion
and THERM
Limit
Compare
Internal Diode
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
SMSC EMC1186
19
Revision 1.0 (07-11-13)
DATASHEET
5.4
Hardware Thermal Shutdown Limit
The Hardware Thermal Shutdown Limit temperature is determined by pull-up resistors on the
SYS_SHDN and ALERT pins shown in Table 5.2.
Figure 5.2 Block Diagram of Hardware Thermal Shutdown
Table 5.2 SYS_SHDN Threshold Temperature
4.7K OHM
±10%
6.8K OHM
±10%
10K OHM
±10%
15K OHM
±10%
22K OHM
±10%
33K OHM
±10%
4.7K OHM ±10%
77°C
83°C
89°C
95°C
101°C
107°C
6.8K OHM ±10%
78°C
84°C
90°C
96°C
102°C
108°C
10K OHM ±10%
79°C
85°C
91°C
97°C
103°C
109°C
15K OHM ±10%
80°C
86°C
92°C
98°C
104°C
110°C
22K OHM ±10%
81°C
87°C
93°C
99°C
105°C
111°C
33K OHM ±10%
82°C
88°C
94°C
100°C
106°C
112°C
SYS_SHD
PULL-UP
PULL-UP
ALERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com