Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6N16 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6N16
Description  Rail-to-Rail Input and Output
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N16 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6N16 Datasheet HTML 17Page - Microchip Technology MCP6N16 Datasheet HTML 18Page - Microchip Technology MCP6N16 Datasheet HTML 19Page - Microchip Technology MCP6N16 Datasheet HTML 20Page - Microchip Technology MCP6N16 Datasheet HTML 21Page - Microchip Technology MCP6N16 Datasheet HTML 22Page - Microchip Technology MCP6N16 Datasheet HTML 23Page - Microchip Technology MCP6N16 Datasheet HTML 24Page - Microchip Technology MCP6N16 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
 2014 Microchip Technology Inc.
DS20005318A-page 21
MCP6N16
Note: Unless otherwise indicated, TA =+25°C, VDD = 1.8V to 5.5V, VSS =GND, VCM =VDD/2, VDM =0V,
VREF =VDD/2, VL =VDD/2, RL =10 kΩ to VL, CL =60pF, GDM =GMIN and EN = VDD; see Figures 1-7 and 1-8.
FIGURE 2-25:
Input Offset Voltage vs.
Reference Voltage, with GMIN =1.
FIGURE 2-26:
Input Offset Voltage vs.
Reference Voltage, with GMIN = 10.
FIGURE 2-27:
Input Offset Voltage vs.
Reference Voltage, with GMIN = 100.
FIGURE 2-28:
CMRR, with GMIN =1.
FIGURE 2-29:
CMRR, with GMIN =10.
FIGURE 2-30:
CMRR, with GMIN =100.
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Reference Voltage (V)
Representative Part
G
MIN = 1
T
A = +25°C
NPBW = 2 Hz
V
DD = 1.8V
V
DD = 5.5V
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Reference Voltage (V)
Representative Part
G
MIN = 10
T
A = +25°C
NPBW = 2 Hz
V
DD = 1.8V
V
DD = 5.5V
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Reference Voltage (V)
Representative Part
G
MIN = 100
T
A = +25°C
NPBW = 2 Hz
V
DD = 1.8V
V
DD = 5.5V
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
55%
60%
-12
-8
-4
0
4
8
12
1/CMRR (µV/V)
410 Samples
T
A = +25°C
G
MIN = 1
NPBW = 2.5 Hz
V
DD = 5.5V
V
DD = 1.8V
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
-5
-4
-3
-2
-1
012345
1/CMRR (µV/V)
310 Samples
T
A = +25°C
G
MIN = 10
NPBW = 2.5 Hz
V
DD = 5.5V
V
DD = 1.8V
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
55%
60%
65%
70%
-2.0 -1.6 -1.2 -0.8 -0.4 0.0 0.4 0.8 1.2 1.6 2.0
1/CMRR (µV/V)
410 Samples
T
A = +25°C
G
MIN = 100
NPBW = 2.5 Hz
V
DD = 5.5V
V
DD = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com