Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6N16 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP6N16
Description  Rail-to-Rail Input and Output
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N16 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP6N16 Datasheet HTML 35Page - Microchip Technology MCP6N16 Datasheet HTML 36Page - Microchip Technology MCP6N16 Datasheet HTML 37Page - Microchip Technology MCP6N16 Datasheet HTML 38Page - Microchip Technology MCP6N16 Datasheet HTML 39Page - Microchip Technology MCP6N16 Datasheet HTML 40Page - Microchip Technology MCP6N16 Datasheet HTML 41Page - Microchip Technology MCP6N16 Datasheet HTML 42Page - Microchip Technology MCP6N16 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
 2014 Microchip Technology Inc.
DS20005318A-page 39
MCP6N16
4.1.5
NOISE PERFORMANCE
As shown in Figure 2-73, the noise density is white at
low frequencies; the 1/f noise is negligible for almost all
applications. As a result, the time domain data in
Figures 2-77, 2-78 and 2-79 is well behaved.
4.2
Overview of Zero-Drift Operation
Figure 4-4 shows a simplified diagram of the MCP6N16
zero-drift INAs. This diagram will be used to explain
how low voltage errors are reduced in this architecture
(much better VOS, TC1 (∆VOS/∆TA), CMRR, CMRR2,
PSRR, AOL and 1/f noise).
FIGURE 4-4:
Simplified Zero-Drift INA Functional Diagram.
4.2.1
BUILDING BLOCKS
The Main Amplifiers (GM1 and GM2) are designed for
high gain and bandwidth, with a differential topology.
The main input pairs (+ and - pins at the top left) are for
the higher frequency portion of the input signal. The
auxiliary input pair (+ and - pins at the bottom left of
GM1) is for the low frequency portion of the input signal
and corrects the INA’s input offset voltage. Both inputs
are added together internally.
The Auxiliary Amplifiers (GA1 and GA2), the Chopper
Input Switches and the Chopper Output Switches
provide a high DC gain to the input signal. DC errors
are modulated to higher frequencies and white noise to
low frequencies.
The Low-Pass Filter reduces high-frequency content,
including harmonics of the Chopping Clock.
The Output Buffer (RM4) converts current to voltage
and drives external loads at the VOUT pin.
The Oscillator runs at fCLK = 200 kHz. Its output is
divided by 8, to produce the Chopping Clock rate of
fCHOP =25 kHz.
The internal POR part starts the part in a known good
state, protecting against power supply brown-outs. The
Digital Control block outputs clocks and POR events.
4.2.2
CHOPPING ACTION
Figure 4-5 shows the amplifier connections for the first
phase of the Chopping Clock and Figure 4-6 shows
them for the second phase. The slow voltage errors
alternate in polarity, making the average error small.
FIGURE 4-5:
First Chopping Clock Phase;
Simplified Diagram.
VIP
VIM
GM1
VOUT
RM4
GA1
Chopper
Input
Switches
Chopper
Output
Switches
Oscillator
Low-Pass
Filter
Digital Control
VFG
VREF
GA2
Chopper
Input
Switches
POR
GM2
VIP
VIM
GA1
VFG
VREF
GA2
Low-Pass
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com