Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC16061CCVT Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16061CCVT
Description  Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16061CCVT Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC16061CCVT Datasheet HTML 1Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 2Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 3Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 4Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 5Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 6Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 7Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 8Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Digital I/O
10
CLOCK
Digital clock input. The input voltage is captured t
AD after the fall of
the clock signal. The range of frequencies for this input is 300 kHz
to 2.5 MHz. The clock frequency should not be changed or
interrupted during conversion or while reading data output.
11
CAL
CAL is a level-sensitive digital input that, when pulsed high for at
least two clock cycles, puts the ADC into the CALIBRATE mode.
Calibration should be performed upon ADC power-up (after
asserting a reset) and each time the temperature changes by more
than 50˚C since the ADC16061 was last calibrated. See Section
2.3 for more information.
40
RESET
RESET is a level-sensitive digital input that, when pulsed high for
at least 2 CLOCK cycles, results in the resetting of the ADC. This
reset pulse must be applied after ADC power-up, before
calibration.
18
RD
RD is the (READ) digital input that, when low, enables the output
data buffers. When this input pin is high, the output data bus is in
a high impedance state.
44
PD
PD is the Power Down input that, when low, puts the converter
into the power down mode. When this pin is high, the converter is
in the active mode.
17
EOC
EOC is a digital output that, when low, indicates the availability of
new conversion results at the data output pins.
21-32
35-38
D00-15
Digital data outputs that make up the 16-bit TRI-STATE conversion
results. D00 is the LSB, while D15 is the MSB (SIGN bit) of the
two’s complement output word.
Analog Power
6, 7,
45
V
A
Positive analog supply pins. These pins should be connected to a
clean, quiet +5V source and bypassed to AGND with 0.1 µF
monolithic capacitors in parallel with 10 µF capacitors, both located
within 1 cm of these power pins.
5, 8,
46
AGND
The ground return for the analog supply. AGND and DGND should
be connected together directly beneath the ADC16061 package.
See Section 5 (Layout and grounding) for more details).
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com