Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC16061CCVT Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16061CCVT
Description  Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16061CCVT Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC16061CCVT Datasheet HTML 1Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 2Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 3Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 4Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 5Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 6Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 7Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 8Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Digital Power
20
V
D
Positive digital supply pin. This pin should be connected to the
same clean, quiet +5V source as is V
A and bypassed to DGND
with a 0.1 µF monolithic capacitor in parallel with a 10µF capacitor,
both located within 1 cm of the power pin.
12,
13,
14,
19,
41,
42, 43
DGND
The ground return for the digital supply. AGND and DGND should
be connected together directly beneath the ADC16061 package.
See Section 5 (Layout and Grounding) for more details.
34
V
D I/O
Positive digital supply pin for the ADC16061’s output drivers. This
pin should be connected to a +3V to +5V source and bypassed to
DGND I/O with a 0.1 µF monolithic capacitor. If the supply for this
pin is different from the supply used for V
A and VD, it should also
be bypassed with a 10 µF capacitor. All bypass capacitors should
be located within 1 cm of the supply pin.
33
DGND I/O
The ground return for the digital supply for the ADC16061’s output
drivers. This pin should be connected to the system digital ground,
but not be connected in close proximity to the ADC16061’s DGND
or AGND pins. See Section 5.0 (Layout and Grounding) for more
details.
NC
2, 3,
9, 15,
16, 39
NC
All pins marked NC (no connect) should be left floating. Do not
connect the NC pins to ground, power supplies, or any other
potential or signal. These pins are used for test in the
manufacturing process.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com