Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC16061CCVT Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16061CCVT
Description  Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16061CCVT Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC16061CCVT Datasheet HTML 3Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 4Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 5Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 6Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 7Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 8Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 9Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 10Page - National Semiconductor (TI) ADC16061CCVT Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DC and Logic Electrical Characteristics
The following specifications apply for AGND = DGND = DGND I/O = 0V, V
+ = V
A = VD = +5.0V, VD I/O = 3.0V or 5.0V,
PD = +5V, V
REF+ = +2.0V, VREF IN = AGND, fCLK = 2.5 MHz, RS = 25Ω,CL = 50 pF/pin. After Auto-Cal. Boldface limits
apply for T
A = TJ = TMIN to TMAX: all other limits TA = TJ = 25˚C(Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
CLOCK, RD, PD Digital Input Characteristics
V
IN(1)
Logical
″1″ Input Voltage
V
+ = 5.25V
2.0
V(min)
V
IN(0)
Logical
″0″ Input Voltage
V
+ = 4.75V
0.8
V(max)
I
IN(1)
Logical
″1″ Input Current
V
IN = 5.0V
5
µA
I
IN(0)
Logical
″0″ Input Current
V
IN = 0V
−5
µA
C
IN
V
IN Input Capacitance
5
pF
CAL, RESET Digital Input Characteristics
V
IN(1)
Logical
″1″ Input Voltage
V
+ = 5.25V
3.5
V(min)
V
IN(0)
Logical
″0″ Input Voltage
V
+ = 4.75V
1.0
V(max)
I
IN(1)
Logical
″1″ Input Current
V
IN = 5.0V
5
µA
I
IN(0)
Logical
″0″ Input Current
V
IN = 0V
−5
µA
C
IN
Input Capacitance
5
pF
D00 - D13 Digital Output Characteristics
V
OUT(1)
Logical
″1″ Output
Voltage
V
D I/O = 4.75V, IOUT = −360 µA
4.5
V(min)
V
OUT(1)
Logical
″1″ Output
Voltage
V
D I/O = 2.7V, IOUT = −360 µA
2.5
V(min)
V
OUT(0)
Logical
″0″ Output
Voltage
V
D I/O = 5.25V, IOUT = 1.6 mA
0.4
V(max)
V
D I/O = 3.3V, IOUT = 1.6 mA
0.4
V(max)
I
OZ
TRI-STATE Output
Current
V
OUT = 3V or 5V
100
nA
V
OUT = 0V
−100
nA
+I
SC
Output Short Circuit
Source Current
V
OUT = 0V, VD I/O = 3V
−10
mA
−I
SC
Output Short Circuit Sink
Current
V
OUT = VD I/O = 3V
12
mA
Power Supply Characteristics
I
A
Analog Supply Current
PD = V
D I/O
70
85
mA(max)
I
D
Digital Supply Current
PD = V
D I/O
7
8
mA(max)
I
D I/O
Output Bus Supply
Current
PD = V
D I/O
1
2
mA(max)
Total Power
Consumption
PD = V
D I/O
390
475
mW(max)
PD = DGND
<2mW
PSRR
Power Supply Rejection
Ratio
Change in Full Scale as V
A goes from
4.25V to 5.25V
68
dB
100 mV
PP 100 kHz riding on VA
54
dB
AC Electrical Characteristics
The following specifications apply for AGND = DGND = DGND I/O = 0V, V
+ = V
A = VD = +5.0V, VD I/O = 3.0V or 5.0V,
PD = +5V, V
REF+ = +2.0V, VREF IN = AGND, fCLK = 2.5 MHz, RS = 25Ω,CL = 50 pF/pin. After Auto-Cal. Boldface limits
apply for T
A = TJ = TMIN to TMAX: all other limits TA = TJ = 25˚C(Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
(Limits)
f
CLK
Conversion Clock (CLOCK)
Frequency
300
kHz(min)
3
2.5
MHz(max)
Conversion Clock Duty Cycle
45
55
%(min)
%(max)
t
CONV
Conversion Latency
13
Clock Cycles
t
AD
Aperture Delay
9
ns
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com