Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC32USB Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # CSC32USB
Description  32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC32USB Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  CSC32USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC32USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC32USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
INPUT
Input Connection Type
C14 inlet with 100-250V AC compatibility. Also accepts user-supplied country-specific AC cordsets
Voltage Compatibility (VAC)
100-250
Input Frequency
50 / 60 Hz (auto-select)
PHYSICAL
Shipping Dimensions (hwd / in.)
45.08 x 36.66 x 22.83
Shipping Dimensions (hwd / cm)
114.50 x 93.12 x 57.99
Shipping Weight (lbs.)
157.04
Shipping Weight (kg)
71.23
Unit Dimensions (hwd / in.)
36.1 x 34.8 x 21.6 (with handle installed)
Unit Dimensions (hwd / cm)
91.69 x 88.39 x 54.86 (with handle installed)
Unit Weight (lbs.)
130.67
Unit Weight (kg)
59.27
Color
Black
CERTIFICATIONS
Certifications
Tested to EIA-310-E, FCC & IEC Class B, UL 60950 (Power Component)
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
RoHS
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com