Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC32USB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # CSC32USB
Description  32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC32USB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  CSC32USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC32USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC32USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Also charges mobile phones and other USB devices
Fits tablets with cases (up to 16.5 x 10.5 x 1.5 in. with cord)
10 ft. AC input cord with NEMA 5-15P plug reaches distant outlets
Convenient Syncing
USB uplink port connects to host computer for wired syncing
Supports wireless syncing and simultaneous syncing/charging (up to 1.5A per port during wired syncing)
Comprehensive Protection
Sturdy steel construction and powder-coated finish provide long-term durability
Doors lock with included keys to prevent device theft, damage or tampering
Extra-secure 3-point locking mechanism latches doors at top, middle and bottom
Built-in hasp and user-supplied padlock can replace or supplement built-in lock
Rear ports accommodate user-supplied bicycle cable or chain lock
Flow-through ventilation prevents devices from overheating
Protective shelves specially coated to avoid device scratches and scuffs
Cord access ports with rubber grommets protect against abrasions
Solid top work surface helps avoid accidental drips and spills that could damage devices
Clutter-Free Organization
USB ports and charging cords store out of sight
Shelves include charging cord access ports for each device
Toolless trim panel permits quick access to cords
Effortless Mobility
Large swivel casters with non-marking wheels deliver smooth ride
Casters lock to prevent unwanted movement at rest
Reversible wide-grip handle permits easy cart control
Reversible cord wrap keeps input cord out of the way when moving cart
Compact cart fits in same space as typical utility cart
Flexible Configuration
Ships ready for quick, easy installation—just attach handle and cord wrap
Split front doors open 180 degrees for unrestricted device and service access
Rear-panel mounting slots support optional wall-mount installation
Removable dividers accommodate thicker devices
Firmware upgrade port for future updates
Specifications
OUTPUT
Charging Ports / Amps
(32) 2.4A
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com