Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC32USB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CSC32USB
Description  32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC32USB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CSC32USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC32USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC32USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
32-Device USB Charging Station Cart with Sync for
iPad and Android Tablets, Wall-Mount Option, Black
MODEL NUMBER: CSC32USB
Description
The CSC32USB 32-Device USB Charging Station Cart provides fast charging, convenient syncing, secure
storage and cord management for up to 32 iPad, Android, Surface and Kindle tablets, as well as mobile phones
and other USB devices. It’s ideal for education, office, commercial, retail, industrial and healthcare environments.
32 USB ports deliver the fastest charging supported by each device, up to 2.4A per port. A USB uplink port
connects to a host computer for wired syncing, though the CSC32USB also supports wireless syncing and
simultaneous syncing/charging (up to 1.5A per port during wired syncing).
The cart provides comprehensive device protection with steel construction and a black powder-coated finish for long-term durability. It locks with the included
keys to prevent device theft, damage or tampering. Flow-through ventilation inhibits overheating, specially coated shelves prevent device scratches and scuffs,
and rubber grommets protect against cord damage.
The cart also provides clutter-free organization of devices and cabling. Charging cords store out of sight, and a toolless trim panel permits quick service access.
When moving devices from room to room, the cart provides effortless mobility. Large swivel casters with non-marking wheels deliver a smooth ride and lock to
prevent unwanted movement at rest. The reversible wide-grip handle permits easy cart control.
The cart is also easy to configure. It ships ready for quick, easy installation, and the handle and cord wrap attach on either side. The split front doors open 180
degrees for unrestricted device and service access. Rear-panel slots support optional wall-mount installation, and removable shelf dividers accommodate
thicker devices.
Features
Fast Charging
32 USB ports provide fastest charging supported by each device, up to 2.4A per port
Perfect for iPad, Android, Surface and Kindle tablets
Also charges mobile phones and other USB devices
Highlights
Fast 2.4A USB charging and
syncing for 32 tablets
Secures devices in locking,
vented, wall-mountable steel cart
Protective shelves with
removable dividers and cord
management
Wide-grip handle and locking
casters with non-marking wheels
Ships ready for quick, easy
installation
Package Includes
CSC32USB 32-Device USB
Charging Station Cart, Black
Cart handle
Input cord wrap
Hex key
Detachable 10 ft. AC input cord
Mounting hardware for handle
and cord wrap
(2) Keys
Owner’s manual
1 / 3


Similar Part No. - CSC32USB

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC3255 CDIL-CSC3255 Datasheet
118Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
logo
Rectron Semiconductor
CSC3255S RECTRON-CSC3255S Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSC3280F CDIL-CSC3280F Datasheet
89Kb / 2P
TO-3P Fully Isolated Plastic Package Transistor CDIL
CSC3280F CDIL-CSC3280F Datasheet
107Kb / 3P
POWER TRANSISTORS
CSC3280F CDIL-CSC3280F Datasheet
138Kb / 3P
POWER TRANSISTORS
More results

Similar Description - CSC32USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS16USB TRIPPLITE-CS16USB Datasheet
522Kb / 3P
16-Device USB Charging Station with Syncing, Secure Storage and Cord Management for iPad and Android Tablets, Black
CS16USBW TRIPPLITE-CS16USBW Datasheet
515Kb / 2P
16-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount Option, White
CS32USB TRIPPLITE-CS32USB Datasheet
579Kb / 3P
32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USBW TRIPPLITE-CS48USBW Datasheet
573Kb / 2P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, White
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CSD1006USB TRIPPLITE-CSD1006USB Datasheet
172Kb / 4P
10-Device Desktop USB Charging Station for Tablets, iPads and E-Readers
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32AC TRIPPLITE-CSC32AC Datasheet
208Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, Black
CSC32ACW TRIPPLITE-CSC32ACW Datasheet
186Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, White
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com