Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCV0831 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCV0831
Description  8 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCV0831 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  ADCV0831 Datasheet HTML 1Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 2Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 3Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 4Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 5Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 6Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 7Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 8Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Applications (Continued)
When the input of the ADCV0831 is driven by an op-amp operating at a supply voltage greater than 5V, it is a good idea to protect
the input of the ADCV0831 from exceeding the supply voltage. Two diodes can be added to the input one to supply and one to
the ground pin.
Note: Diodes are IN914
This circuit utilizes the LM385 reference to detect the power supply voltage level. When the supply voltage is 3V, the LSB = 3/256
= 11.7mV. Since the LM385 reference sets the input to 1.2V. The output code is 102. As the supply voltage decreases, the LSB
decreases and the output code increases. When the supply voltage reaches 2.7V, the LSB = 10.5 mV. The input voltage is still
at 1.2V, and the output code is 114. If the supply voltage increases, the LSB increases and the output code decreases. When the
supply voltage reaches 3.3V, the LSB = 12.9mV and the output code is 93.
Protecting the input
DS100104-64
Power Supply Level Detection
DS100104-65
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com