Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCV0831 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCV0831
Description  8 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCV0831 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADCV0831 Datasheet HTML 1Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 2Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 3Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 4Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 5Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 6Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 7Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 8Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
5.5V
Voltage at Inputs and Outputs
−0.3V to V
CC + 0.3V
Input Current at Any Pin (Note 4)
±5mA
Package Input Current (Note 4)
±20 mA
Power Dissipation at T
A = 25˚C
(Note 5)
470 mW
ESD Susceptibility (Note 6)
2000V
Soldering Temperature (Note 7)
Convection Infrared (15 sec.)
215˚C
Wave Soldering (4 sec.) (Note 7)
260˚C
Storage Temperature
−65˚C to +150˚C
Thermal Resistance (
θ
JA)
265˚C/W
Operating Ratings (Notes 2, 3)
Temperature Range
0˚C
≤ T
j ≤70˚C
Supply Voltage (V
CC)
2.7V
DC to 5V
Electrical Characteristics
The following specifications apply for V
CC =3VDC, and fCLK = 500 kHz unless otherwise specified. Boldface limits apply for
T
A =TJ =TMIN to T MAX; all other limits TA =T J = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
Integral Linearity Error
±0.6
±1.5
LSB (max)
Offset Error
±0.1
±1.5
LSB (max)
Full Scale Error
±0.3
±1.5
LSB (max)
Resolution
8
Bits (min)
V
IN
Analog Input Voltage
(V
CC + 0.05)
V (max)
(GND − 0.05)
V (min)
V
IN(1)
Logical “1” Input Voltage
V
CC =3V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
CC =3V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 3V
0.01
1
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
0.01
−1
µA (max)
V
OUT(1)
Logical “1” Output Voltage
I
out =-360µA
2.8
2.4
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
out =1.6 mA
0.24
0.4
V (max)
I
OUT
TRI-STATE® Output Current
V
OUT = 0V
0.01
3.0
µA (max)
I
SOURCE
Output Source Current
V
OUT = 0V
2.6
1.0
mA (min)
I
SINK
Output Sink Current
V
OUT = 3V
7.4
3.0
mA (min)
I
CC
Supply Current
CS = HIGH
0.01
30
µA (max)
CS = LOW
200
400
µA (max)
AC Electrical Characteristics
The following specifications apply for V
CC =+3 VDC, and tr =t f = 20 ns unless otherwise specified. Boldface limits apply for
T
A =TJ =T MIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
f
CLK
Clock Frequency
700
kHz (max)
10
kHz (min)
t
SET-UP
CS failing edge to CLK rising edge
25
ns
Clock Duty Cycle
40
% (min)
60
% (max)
T
C
Conversion Time
11
Clock
Periods
t
pd
CLK Falling Edge to Data Valid
Low to High
C
L = 100 pF
142
250
ns (max)
High to Low
70
200
t
1H,t 0H
CS Rising Edge to Data Output TRI-STATE
C
L = 100 pF, RL =2
k
Ω
75
250
ns (max)
(see TRI-STATE Test Circuits)
C
L = 100 pF, RL =10
k
Ω
50
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com