Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCV0831 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCV0831
Description  8 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCV0831 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADCV0831 Datasheet HTML 1Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 2Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 3Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 4Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 5Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 6Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 7Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 8Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ADCV0831
8 Bit Serial I/O Low Voltage Low Power ADC with
Auto Shutdown in a SOT Package
General Description
The ADCV0831 is a low voltage 8-bit successive approxima-
tion A/D converter with serial I/O. The I/O is a 3-wire serial in-
terface compatible with NSC’s MICROWIRE ™ & Motorola’s
SPI standards. It easily interfaces with standard shift regis-
ters or microprocessors.
Low voltage and auto shutdown features make the
ADCV0831 ideal for portable battery operated electronic de-
vices. The main benefits are most apparent in small portable
electronic devices. The tiny A/D converter can be placed
anywhere on the board.
Applications
n
Digitizing automotive sensors
n
Process control monitoring
n
Remote sensing in noisy environments
n
Instrumentation
n
Test systems
n
Embedded diagnostics
Features
n
Tiny 6-pin SOT 23 package
n
Serial digital data link requires few I/O pins
n
Auto Shutdown
n
0V to 3V analog input range with single 3V power
supply
n
TTL/CMOS input/output compatible
Key Specifications
(For 3V supply, typical, unless otherwise noted.)
n
Resolution:
8 bits
n
Conversion time (f
C = 700 kHz):
16µs
n
Low power dissipation:
720µW
n
Single supply:
2.7V to 5V
DC
n
Linearity error:
±1.5LSB over temperature
n
No missing codes over temperature
n
Shutdown supply current 10nA
Ordering Information
Temperature Range
(0˚C
≤ T
j ≤ +70˚C)
Package
Supplied As
ADCV0831M6
MA06A
1k Units Tape and Reel
ADCV0831M6X
MA06A
3k Units Tape and Reel
Connection Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
COPS™ microcontrollers and MICROWIRE™ are trademarks of National Semiconductor Corporation.
ADCV0831
DS100104-1
February 2000
© 2000 National Semiconductor Corporation
DS100104
www.national.com


Similar Part No. - ADCV0831

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
8-Bit Serial I/O CMOS A/D Converter
ADCV08832 TI2-ADCV08832 Datasheet
303Kb / 16P
ADCV08832 Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
May 2001
logo
National Semiconductor ...
ADCV08832CIM NSC-ADCV08832CIM Datasheet
259Kb / 14P
Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
logo
Texas Instruments
ADCV08832CIM TI1-ADCV08832CIM Datasheet
304Kb / 16P
8-Bit Serial I/O CMOS A/D Converter
More results

Similar Description - ADCV0831

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
logo
Linear Technology
LTC1096L LINER-LTC1096L Datasheet
210Kb / 8P
Low Voltage, Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1417 LINER-LTC1417 Datasheet
394Kb / 32P
Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
LTC1418 LINER-LTC1418 Datasheet
712Kb / 28P
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
Serial I/O 8-Bit A/D Converters
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Linear Technology
LTC1417 LINER-LTC1417_15 Datasheet
409Kb / 32P
Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
LTC1418 LINER-LTC1418_15 Datasheet
480Kb / 30P
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
logo
Texas Instruments
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com