Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB14-A Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3USB14-A
Description  Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB14-A Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3USB14-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PS9055
11/23/10
PI3USB14-A
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMuxwith Single Enable
Switching Characteristics over 3.3V Operating Range
Parameters
Description
Conditions(1)
Com.
Units
Min.
Typ.
Max.
tPLH
tPHL
Propagation Delay(2,3) Y to In, In to Y
See Test Diagram
0.3
ns
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the
switch alone is of the order of 0.30ns for 10pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very little
propagational delay to the system. Propagational delay of the switch when used in a system is determined by the driving circuit on the driving side of the switch
and its interaction with the load on the driven side.
Dynamic Electrical Characteristics Over the Operating Range
Parameter
Description
Test Condition
Min.
Typ.
Max.
Units
XTALK
Crosstalk
DR at 480Mbps, See Test Diagram
-35
dB
OIRR
Off-Isolation
DR at 480Mbps , See Test Diagram
-35
BW
-3dB Bandwidth
See Test Diagram
815
MHz
IN
Insertion Loss
f = 240MHz, DR = 480Mbps
-0.5
dB
(TA = -40º to +85º, VDD = 3.3V ± 10%)
11-0013



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com