Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB14-A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB14-A
Description  Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB14-A Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB14-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS9055
11/23/10
PI3USB14-A
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMuxwith Single Enable
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VDD = 3.3V, +25°C ambient.
3. Per LVTTL driven input (control inputs only); Y and In pins do not contribute to ICC. This parameter is guaranteed, but not production tested.
Capacitance
Parameters(5)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
2.0
pF
COFF(IN)
In Capacitance, Switch Off
2.5
COFF(Y)
Y Capacitance, Switch Off
4
CON
Y/In Capacitance, Switch On
8
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ.(2)
Max. Units
ICC
Quiescent Power Supply Current
VDD = 3.6V, VIN = GND or VDD
60
µA
(TA = 25°C f = 1 MHz)
Notes
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between Y and In pin at indicated current through the switch. On-Resistance is determined by the lower of the voltages on the
two (Y, In) pins.
5. This parameter is determined by device characterization but is not production tested.
11-0013



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com