Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB14-A Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB14-A
Description  Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB14-A Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB14-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS9055
11/23/10
Pin Description
Pin Name
Description
IAN, IBN
Data Inputs
S0-1
Select Inputs
EN
Enable
YA to YB
Data Outputs
GND
Ground
VDD
Power
Truth Table(1)
Enable
Select
EN
S1
S0
Y
Function
H
X
X
Hi-Z
Disable
L
L
L
I0
S1-0 = 0
L
L
H
I1
S1-0 = 1
L
H
L
I2
S1-0 = 2
L
H
H
I3
S1-0 = 3
Note:
1. H=High Voltage Level; L=Low Voltage Level
Features
Î
Near-Zero propagation delay
Î
5Ω switches connect inputs to outputs
Î
High signal passing bandwidth (-3dB BW is 815MHz)
Î
Beyond Rail-to-Rail switching
Î
5V I/O tolerant with 3.3V supply
Î
3.3V supply voltage operation
Î
Hot insertion capable
Î
Industrial operating temperature: -40ºC to +85ºC
Î
ESD protection
à
8kV per JESD22 test spec (HBM)
à
+/-4kV per IEC61000-4-2 spec (contact)
Î
Latch-up performance >250mA per JESD17
Î
Packaging (Pb-free & Green available):
Description
The PI3USB14-A is a 2-channel, 4:1 Multiplexer/Demultiplexer
with 3-state outputs. The switch introduces no additional
ground bounce noise or propagation delay.
The PI3USB14-A device is very useful in switching USB 2.0 sig-
nals and others that have high bandwidth (-3dB BW is 815MHz).
Block Diagram
IA0
EN
S0
S1
IA1 IA2 IA3 IB0 IB1 IB2 IB3
YA
YB
Pin Configuration
Note:
1. N.C. = No internal connection
1
2
3
4
5
16
6
15
7
14
8
13
12
11
10
9
EN
S1
IA3
IA2
IA1
IA0
YA
GND
VDD
N.C.
S0
IB3
IB2
IB1
IB0
YB
N.C.
N.C.
S0
IB3
IB2
IB1
IB0
YB
EN
S1
IA3
IA2
IA1
IA0
YA
N.C.
19
18
17
16
15
14
13
12
1
20
10
11
2
3
4
5
6
7
8
9
PI3USB14-A
Low Voltage, High Bandwidth, USB 2.0,
4:1 Mux/DeMux with Single Enable
à
16-pin 150-mil wide plastic QSOP (Q)
à
16-pin 173-mil wide plastic TSSOP (L)
à
20-contact TQFN (ZH)
11-0013


Similar Part No. - PI3USB14-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB14 PERICOM-PI3USB14 Datasheet
497Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14L PERICOM-PI3USB14L Datasheet
497Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14LE PERICOM-PI3USB14LE Datasheet
497Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14Q PERICOM-PI3USB14Q Datasheet
497Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14QE PERICOM-PI3USB14QE Datasheet
497Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
More results

Similar Description - PI3USB14-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3CH281 PERICOM-PI3CH281 Datasheet
490Kb / 9P
Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
PI3USB14 PERICOM-PI3USB14 Datasheet
497Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A Datasheet
576Kb / 6P
4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
2 channel 4:1 Mux/DeMux with Single Enable
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com