Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSP741 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # KSP741
Description  Suitable for switching regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSP741 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  KSP741 Datasheet HTML 1Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 2Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 3Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 4Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
2
3
KSD741
KSP741
NPN Silicon Power Transistor, VCBO= 1050V, VCEO= 500V, IC= 2A
General Description
• High voltage, high speed power switching
• Suitable for switching regulator, inverters, motor controls
Features
• VCBO = 1050V
• VCEO = 500V
• VBEO = 15V
• IC = 2A
Ordering Information
Ordering number
Package
Pin Assignment
Packing
123
KSD741
TO-252
B
C
E
Reel
KSP741
TO-220
B
C
E
Tube
TO-252
TO-220
1
2
3


Similar Part No. - KSP741

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
KSP742C SEMIHOW-KSP742C Datasheet
107Kb / 4P
High voltage, high speed power switching
More results

Similar Description - KSP741

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1160 TOSHIBA-2SD1160 Datasheet
188Kb / 4P
NPN EPITAXIAL TYPE (SWITCHING, SUITABLE FOR MOTOR DRIVER APPLICATIONS)
logo
Rohm
BA6161N ROHM-BA6161N Datasheet
81Kb / 5P
Switching regulator for electronic tuning
logo
Sanyo Semicon Device
2SC3149 SANYO-2SC3149 Datasheet
98Kb / 3P
For Switching Regulator
2SC3150 SANYO-2SC3150 Datasheet
94Kb / 3P
For Switching Regulator
logo
IP SEMICONDUCTOR CO., L...
IPT0106-XXU IPS-IPT0106-XXU Datasheet
493Kb / 4P
suitable for low power AC Switching application
IPT0108-XXU IPS-IPT0108-XXU Datasheet
493Kb / 4P
suitable for low power AC Switching application
logo
Axiomtek Co., Ltd.
NA-820 AXIOMTEK-NA-820 Datasheet
147Kb / 1P
Suitable for VPN
logo
SemiHow Co.,Ltd.
KSD13003ER SEMIHOW-KSD13003ER Datasheet
553Kb / 5P
Suitable for Switching regulator, Inverters motor controls
KSX13005A SEMIHOW-KSX13005A Datasheet
263Kb / 12P
Suitable for switching regulator
logo
List of Unclassifed Man...
Z0607 ETC2-Z0607 Datasheet
96Kb / 4P
suitable for low power AC switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com