Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSP741 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # KSP741
Description  Suitable for switching regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSP741 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  KSP741 Datasheet HTML 1Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 2Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 3Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 4Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 2. DC Current Gain
Figure 3. DC Current Gain
Figure 4. Saturation Voltage
Figure 5. Power Derating
Figure 1. Static Characteristic
Typical Characteristics
0.01
0.1
1
10
0.01
0.1
1
10
V
CE(sat)
I
C, COLLECTOR CURRENT [A]
I
C=5IB
V
BE(sat)
0.01
0.1
1
10
1
10
100
I
C, COLLECTOR CURRENT [A]
V
CE=5V
024
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
V
CE, COLLECTOR-EMITTER VOLTAGE [V]
I
B=100mA
I
B=0mA
I
B=50mA
I
B=500mA
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
TO-252
T
C, CASE TEMPERATURE [
oC]
TO-220
0.01
0.1
1
10
1
10
100
I
C, COLLECTOR CURRENT [A]
V
CE=3V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com