Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSP741 Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # KSP741
Description  Suitable for switching regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSP741 Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  KSP741 Datasheet HTML 1Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 2Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 3Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 4Page - SemiHow Co.,Ltd. KSP741 Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHARACTERISTICS
SYMBOL
RATING
UNIT
TO-252
TO-220
Collector-Base Voltage
V
CBO
1050
V
Collector-Emitter Voltage
V
CEO
500
V
Emitter-Base Voltage
V
EBO
15
V
Collector Current(DC)
I
C
2A
Collector Current(Pulse)
I
CP
4A
Base Current
I
B
1A
Collector Dissipation(Tc=25
)
P
C
30
60
W
Junction Temperature
T
J
150
Storage Temperature
T
STG
-65~150
Absolute Maximum Ratings TC=25 unless otherwise noted
Electrical Characteristics (1) TC=25 unless otherwise noted
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector-Base Breakdown Voltage
V
CBO
I
C=500 A, IE=0
1050
V
Collector-Emitter Breakdown Voltage
V
CEO
I
C=5mA, IB=0
500
V
Emitter-Base Breakdown Voltage
V
EBO
I
E=1mA, IC=0
15
19
24
V
Emitter Cut-off Current
I
EBO
V
EB=15V,IC=0
1
DC Current Gain
h
FE1
h
FE2
V
CE=5V,IC=100mA
V
CE=3V,IC=450mA
48
25
70
100
50
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=0.7A,IB=0.14A
I
C=2.0A,IB=0.6A
0.5
3.0
V
V
Base-Emitter Saturation Voltage
V
BE(sat)
I
C=2.0A,IB=0.6A
1.5
V
Output Capacitance
C
ob
V
CB=10V, f=0.1MHz
23
Storage Time
t
stg
Ic=500mA, I
B=10mA
(UI9600)
26
KSD741
KSP741
NPN Silicon Power Transistor, VCBO= 1050V, VCEO= 500V, IC= 2A
Notes ;
1. Pulse Test: Pulse Width



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com