Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB103 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3USB103
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB103 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3USB103 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PI3USB103
USB 2.0 High-Speed (480 Mbps)
Signal Switch with Vbus Short Protection
www.pericom.com
12/18/14
All trademarks are property of their respective owners.
Test Circuit for Electrical Characteristics
Notes:
CL=Loadcapacitance:includesjigandprobecapacitance.
RT=Terminationresistance:shouldbeequaltoZOUTofthePulseGenerator
Allinputimpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR≤MHz,ZO=50Ω,tR≤2.5ns,tF≤2.5ns.
Theoutputsaremeasuredoneatatimewithontransitionpermeasurement.
Test Circuit for Dynamic Electrical Characteristics
Switch Positions
Test
Switch
tPLZ,tPZL
6.0V
tPHZ,tPZH
GND
PropDelay
Open
Pulse
Generator
VSEL
R T
VDD
D.U.T.
VOUT
6.0V
200-ohm
10pF
C
PI3USB103
T1
R1
S1
HP11667A
50-ohm
HP4396B
14-0215



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com