Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB103 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB103
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB103 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB103 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.pericom.com
12/18/14
All trademarks are property of their respective owners.
Features
• USB2.0compliant(highspeedandfullspeed)
• RONis3.0Ωtypical@VDD=3.0V
• Lowbit-to-bitskew
• LowCrosstalk:–33dB@480Mbps
• OffIsolation:–30dB@480Mbps
• Near-Zeropropagationdelay:250ps
• ChannelOnCapacitance:6.0pF(typ)
• VDDOperatingRange:3.0Vto3.6V
• DatapinI/OESD(pins1,2,4,5,6,and7):±4kVcontactper
IEC61000-4-2spec
• -3dBBWof1400MHz
• I/Opinshaveover-voltageprotectionandcantolerateashort
toVbus
• Packaging(Pb-free&Green):
−10-contactTQFN,1.3mmx1.6mmx0.75mm(ZL10)
Application
• RoutessignalsforUSB2.0
• Hand-helddevices
Description
ThePI3USB103isasingledifferentialchannel2:1multiplexer/
demultiplexerUSB2.0Switch.Industryleadingadvantagesinclude
apropagationdelayoflessthan250ps,resultingfromitslowchannel
resistanceandI/Ocapacitance.Thedevicemultiplexesdifferential
outputsfromaUSBHostdevicetooneoftwocorrespondingoutputs.
Theswitchisbidirectionalandofferslittleornoattenuationofthe
high-speedsignalsattheoutputs.Itisdesignedforlowbit-to-bit
skew,highchannel-to-channelnoiseisolationandiscompatible
withvariousstandards,suchasHighSpeedUSB2.0(480Mb/s).
ThePI3USB103offersovervoltageprotectionpertheUSB2.0
specification.Withthechippoweredonoroff,allI/Opinscan
withstandashorttoVbus.IfVDD=0V,theI/Oscanstillhave
signalspresent,andthesignalwillNOTleakthroughtoVDD.
Block Diagram
Pin Description
PI3USB103
USB 2.0 High-Speed (480 Mbps) Signal Switch
with Vbus Short Protection
Truth Table
SEL
OE
Y+
Y-
X
H
Hi-Z
Hi-Z
L
L
M+
M-
H
L
D+
D-
SEL
Y-
Y+
OE
M+
M-
D+
D-
1
2
7
6
8
D+
Y+
3
4
5
9
10
D-
Y-
14-0215


Similar Part No. - PI3USB103

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB103 DIODES-PI3USB103 Datasheet
1Mb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
01/18/17
PI3USB103ZLEX DIODES-PI3USB103ZLEX Datasheet
1Mb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
01/18/17
More results

Similar Description - PI3USB103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB42 PERICOM-PI3USB42 Datasheet
496Kb / 7P
USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
PI3USB102G PERICOM-PI3USB102G Datasheet
871Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102 PERICOM-PI3USB102_08 Datasheet
630Kb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
logo
Diodes Incorporated
PI3USB103 DIODES-PI3USB103 Datasheet
1Mb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
01/18/17
logo
Texas Instruments
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com