Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB103 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB103
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB103 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB103 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB103 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PI3USB103
USB 2.0 High-Speed (480 Mbps)
Signal Switch with Vbus Short Protection
www.pericom.com
12/18/14
DC Electrical Characteristics for USB 2.0 Switching over Operating Range
(TA=–40°Cto+85°C,VDD=3.0-3.6V)
Parameter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
InputHIGHVoltage
Guaranteed
HIGHlevel
VDD=3.3V
1.3
VDD
V
VIL
InputLOWVoltage
GuaranteedHIGHlevel
GND
0.6
VIK
ClampDiodeVoltage
VDD=Max.,IIK=–18mA
-1.2
IIH
InputHIGHCurrent
VDD=Max.,VIH=VDD
±5
µA
IIL
InputLOWCurrent
VDD=Max.,VIL=GND
±5
RON
SwitchOn-ResistanceforUSB
2.0HSsignal(3)
VDD=Min.,-0.4V≤Vinput≤1.0V,
ION=–40mA
3.0
5.0
Ω
RON
SwitchOn-ResistanceforUSB
FSsignal
VDD=min.,0V≤Vinput≤3.3V
9
RON
SwitchOn-ResistanceforMHL
signal
VDD=min.2V≤Vinput≤3.3V
9
RON(flat)
On-resistanceflatness
VDD=min.-0.4V≤Vinput≤1.0V
0.15
0.5
D
RON
On-Resistancematchfromcenter
portstoanyotherport(3)
VDD=Min.,-0.4V≤Vinput≤0.4V,
ION=-40mA
0.9
2.0
IOZ
I/Oleakagecurrentwhenportis
off
VDD=3.6V,Vinput=0to3.6V,
switch=off,OE=HIGH
±2
µA
IOFF
Signalleakagewhenchipisoff
VDD=0V,Vinput=0to7V
±10
µA
Notes:
1. Formax.ormin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. VDD=3.0-3.6V,TA =25°Cambientandmaximumloading.
3. MeasuredbythevoltagedropbetweenDandDnpinatindicatedcurrentthroughtheSwitchOn-Resistanceisdeterminedbythelowerofthevoltagesonthetwo
(D,Dn)pins.
All trademarks are property of their respective owners.
StorageTemperature......................................................–65°Cto+150°C
SupplyVoltagetoGroundPotential.................................–0.5Vto+4.0V
DCInputVoltage.................................................................–0.5Vto+7V
DCOutputCurrent........................................................................120mA
PowerDissipation.............................................................................0.5W
Note: StressesgreaterthanthoselistedunderMAXIMUM
RATINGSmaycausepermanentdamagetothedevice.This
isastressratingonlyandfunctionaloperationofthedevice
attheseoranyotherconditionsabovethoseindicatedinthe
operationalsectionsofthisspecificationisnotimplied.Ex-
posuretoabsolutemaximumratingconditionsforextended
periodsmayaffectreliability.
Maximum Ratings
(Abovewhichusefullifemaybeimpaired.Foruserguidelines,nottested.)
Power Supply Characteristics (VDD=3.0-3.6V)
Parameters
Description
Test Conditions(1)
Min.
Typ.
Max.
Units
ICC
PowerSupplyCurrent
VDD=Max.,VSEL=GNDorVDD,OE=LOW
75
µA
VDD=Max,VSEL=1.5V-2.1V,
100
µA
ICCq
QuiescentPowerSupply
Current
VDD=3.3V,VSEL=GNDorVDD,
6
µA
VDD=3.3V,VSEL=1.5V-2.1V,
8
µA
Notes:
1. Formax.ormin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
14-0215



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com