Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB3102 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3USB3102
Description  USB3.0 and USB2.0 Combo Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB3102 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3USB3102 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
PI3USB3102
USB3.0 and 2.0 Combo switch
11/09/12
DC Electrical Characteristics for Switching over Operating Range
(TA = –40°C to +85°C, VDD = 3.3V ±10%)
Parameter Description
Test Conditions(1)
Min
Typ(1)
Max
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
1.5
V
VIL
Input LOW Voltage
Guaranteed LOW level
0.75
VIK
Clamp Diode Voltage, Dx
VDD = Max., IIN = –18mA
–0.8
–1.1
IIH
Input HIGH Current
VDD = Max., VIN = VDD
±5
µA
IIL
Input LOW Current
VDD = Max., VIN = GND
±5
IOFF_HS/ID
I/O leakage when part is off for D+,
D- and USB_ID signals only
VDD = 0V, VINPUT = 0V to 3.6V
20
RON_SS
On resistance between input to out-
put for SuperSpeed signals
VDD = 3.3V, Vinput = 0V to 1V,
IINPUT = 20mA
10
13
Ohm
RON_FS
On resistance between input to out-
put for USB2.0 FS signals (D+/D-)
VDD = 3.3V, Vinput = 0 to 3.3V,
IINPUT = 20mA
7
9
Ohm
RON_HS
On resistance between input to out-
put for USB2.0 HS signals (D+/D-)
VDD = 3.3V, Vinput = -0.4V to
+0.4V, IINPUT = 20mA
4
6
Ohm
USB_ID_I
Input voltage tolerance on USB_ID
path
5.5
V
USB_ID_O
Output voltage on USB_ID path
USB_ID input from 0V to 5.25V
3.6
V
Storage Temperature ..........................................................–65°C to +150°C
Supply Voltage to Ground Potential ....................................–0.5V to +4.2V
DC Input Voltage ..................................................................... –0.5V to VDD
DC Output Current .............................................................................120mA
Power Dissipation ................................................................................... 0.5W
Note: Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional op-
eration of the device at these or any other conditions
above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Power Supply Characteristics (TA = –40°C to +85°C)
Parameter
Description
Test Conditions(1)
Min
Typ(1) Max
Units
ICC
Quiescent Power Supply Current
VDD = Max., VIN = GND or VDD
2
mA
12-0264



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com