Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB3102 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB3102
Description  USB3.0 and USB2.0 Combo Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB3102 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB3102 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
11/09/12
Features
Î
Î
1:2 mux/demux for USB 3.0SS, 2.0HS, and 2.0FS signals
Î
Î
Switches Tx, Rx, Dx, and USB_ID from USB3.0 connector
Î
Î
Insertion Loss for superspeed channels @ 2.5 GHz: -1.7dB
Î
Î
-3dB Bandwidth for superspeed channels: 4.7GHz
Î
Î
Return loss for superspeed channels @ 2.5GHz: -16dB
Î
Î
Low Bit-to-Bit Skew, 7ps max (between '+' and '-' bits)
Î
Î
Low Crosstalk for superspeed channels: -25dB@5.0 Gbps
Î
Î
Low Off Isolation for superspeed channels: -25dB@5.0 Gbps
Î
Î
VDD Operating Range: 3.3V +/-10%
Î
Î
ESD Tolerance: 2kV HBM
Î
Î
Low channel-to-channel skew, 35ps max
Î
Î
Packaging (Pb-free & Green):
à
32 TQFN (ZL)
Description
Pericom Semiconductor’s PI3USB3102 USB3.0 and USB2.0 Com-
bo Switch is a complete 1:2 switching solution for SuperSpeed
USB 3.0 signals. PI3USB3102 provides differential high-speed
lanes for the USB3.0 4.8 Gbps TX and RX lanes as well as a differ-
ential lane for 480 Mbps USB 2.0 signals and the USB_ID signal.
PI3USB3102 can be used to connect two hosts to a single device
or a single host to two devices.
PI3USB3102 offers excellent signal integrity for high-speed sig-
nals and low power dissipation. Insertion loss is 1.7 dB and return
loss is -16 dB at 2.5 GHz. Power dissipation is 6.6 mW maximum.
Application
Routing of USB3.0 signals with low signal attenuation between
source and sink.
Block Diagram
PI3USB3102
USB3.0 and USB2.0 Combo Switch
Tx+
Tx
Rx+
Rx
D+
D-
USB_ID
Tx+A
Tx
-A
Rx+A
Rx
-A
Tx+B
Tx-B
Rx+B
Rx-B
-
-
Logic
Control
OE
D+A
D-A
USB_ID A
D+B
D- B
USB_ID B
SS SEL
HS SEL
12-0264


Similar Part No. - PI3USB3102

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3102 DIODES-PI3USB3102 Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
11/09/12
PI3USB3102ZLE DIODES-PI3USB3102ZLE Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
11/09/12
PI3USB3102ZLE+DA DIODES-PI3USB3102ZLE+DA Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
11/09/12
More results

Similar Description - PI3USB3102

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX86201 CONEXANT-CX86201 Datasheet
222Kb / 2P
Network Processor with Integrated Ethernet Switch and USB2.0 Support
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
High-Speed, USB2.0 (480Mbps) Switch
logo
Protek Devices
PA2983 PROTEC-PA2983 Datasheet
163Kb / 6P
LoPro??DPDT USB2.0 Switch
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
LoPro??DPDT USB2.0 (480Mbps) Switch
logo
KEC(Korea Electronics)
KUSB50QN KEC-KUSB50QN Datasheet
148Kb / 10P
HIGH-SPEED USB2.0 DPDT SWITCH
logo
Protek Devices
PAM23LOPR42 PROTEC-PAM23LOPR42_15 Datasheet
295Kb / 6P
USB2.0(480MBPS)SWITCH
logo
XFMRS Inc.
XFGIB100-USBXU-4 XFMRS-XFGIB100-USBXU-4 Datasheet
119Kb / 3P
GIGABIT STACKED USB2.0 COMBO
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
logo
Diodes Incorporated
PI3USB30532 DIODES-PI3USB30532 Datasheet
414Kb / 1P
3.3V, USB3.0/DP1.2 6:4 Matrix Switch
3.3V
PI3USB3102 DIODES-PI3USB3102 Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
11/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com