Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB3102 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB3102
Description  USB3.0 and USB2.0 Combo Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB3102 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB3102 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB3102 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
PI3USB3102
USB3.0 and 2.0 Combo switch
11/09/12
Pin Description
pin#
pin Name
Signal Type
Description
1
Tx+
I/O
positive differential USB3.0 Tx signal for COM port
2
Tx-
I/O
negative differential USB3.0 Tx signal for COM port
3
VDD
Power
3.3V +/-10% power supply
4
Rx+
I/O
positive differential USB3.0 Rx signal for COM port
5
Rx-
I/O
negative differential USB3.0 Rx signal for COM port
6
D+
I/O
positive differential USB2.0 signal for COM port
7
D-
I/O
negative differential USB2.0 signal for COM port
8
USB_ID
I/O
USB_ID for COM port
9
VDD
Power
3.3V +/-10% power supply
10
SS_SEL
I
switch logic control for SuperSpeed Path
If HIGH, then path B is selected for SuperSpeed channels only
If LOW, then path A is selected for SuperSpeed channels only
11
OE
I
Output enable. if OE is low, IC is enabled. If OE is high, then IC is power
down and all I/Os are hi-z
12
VDD
Power
3.3V +/-10% power supply
13
USB_IDB
I/O
USB_ID for port B
14
D-B
I/O
negative differential USB2.0 signal for port B
15
D+B
I/O
positive differential USB2.0 signal for port B
16
VDD
Power
3.3V +/-10% power supply
17
USB_IDA
I/O
USB_ID for port A
18
D-A
I/O
negative differential USB2.0 signal for port A
19
D+A
I/O
positive differential USB2.0 signal for port A
20
VDD
Power
3.3V +/-10% power supply
21
GND
Ground
Ground
22
Rx-B
I/O
negative differential USB3.0 Rx signal for port B
23
Rx+B
I/O
positive differential USB3.0 Rx signal for port B
24
Tx-B
I/O
negative differential USB3.0 Tx signal for port B
25
Tx+B
I/O
positive differential USB3.0 Tx signal for port B
26
Rx-A
I/O
negative differential USB3.0 Rx signal for port A
27
Rx+A
I/O
positive differential USB3.0 Rx signal for port A
28
GND
Ground
Ground
29
VDD
Power
3.3V +/-10% power supply
30
Tx-A
I/O
negative differential USB3.0 Tx signal for port A
31
Tx+A
I/O
positive differential USB3.0 Tx signal for port A
32
HS_SEL
I
switch logic control for USB2.0 (D+/-) and USB_ID path
If High, path B is selected
If LOW, path A is selected
12-0264



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com