Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3244LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B3244LE
Description  3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3244LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B3244LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.pericom.com
PS8149H
09/27/10
All trademarks are property of their respective owners.
PI3B3244
Block Diagram
BE2
BE1
1B1
1B0
1A1
1A0
1B1
1B0
1A3
1A2
2B1
2B0
2A1
2A0
2B3
2B2
2A3
2A2
B
A
BE
SW
SW
SW
SW
SW
SW
SW
SW
SW
Pin Configuration
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
BE1
1
A0
2
B3
1
A1
2
B2
1
A2
2
B1
1
A3
2
B0
GND
Vcc
BE2
1
B0
2
A3
1
B1
2
A2
1
B2
2
A1
1
B3
2
A0
Description
Pericom Semiconductor’s PI3B series of logic circuits are pro-
duced using the Company’s advanced sub-micron CMOS tech-
nology, achieving industry leading performance.
The PI3B3244 features a set of 3.3V 8-bit bus switches, which is
pinout and function compatible with the P74FCT244T, 74F244,
and 74ALS/AS/LS2448-bit drivers. Two enable signals (BEn) turn
the switches on similar to the enable signals of the 244. The bus
switch create no additional propagation delay or ground bounce
noise.
Features
Î
Near-Zero propagation delay
Î
5-ohm switches connect inputs to outputs
Î
Fast Switching Speed: 4.5ns (max.)
Î
Ultra-Low Quiescent Power (0.2μA Typical)
à
Ideally suited for notebook applications
Î
Packaging (Pb-free & Green):
à
20-pin 173-mil wide plastic TSSOP (L)
3.3V, Hot Insertion,
8-Bit, 2-Port NanoSwitchTM
Pin Description
Pin Name Description
BEn
Bus Enable Input (Active LOW)
A0-7
Bus A
B0-7
Bus B
GND
Ground
VCC
Power
Truth Table(1)
BE1
BE2
1A, 1B
2A, 2B
H
H
Disconnect
Disconnect
L
H
1A = 1B
Disconnect
H
L
Disconnect
2A = 2B
L
L
1A = 1B
2A = 2B
Note:
1. H = High Voltage Level, L = Low Voltage Level
11-0003


Similar Part No. - PI3B3244LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3244LE PERICOM-PI3B3244LE Datasheet
186Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
More results

Similar Description - PI3B3244LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3244 PERICOM-PI3B3244 Datasheet
186Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B3245QEX PERICOM-PI3B3245QEX Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
PI3B3245 PERICOM-PI3B3245_10 Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com