Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3244LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B3244LE
Description  3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3244LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B3244LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.pericom.com
PS8149H
09/27/10
All trademarks are property of their respective owners.
PI3B3244
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Storage Temperature
-65
150
o
C
Ambient Temperature with Power Applied
-40
85
o
C
Supply Voltage to Ground Potential
-0.5
4.6
V
DC Input Voltage
-0.5
4.6
V
DC Output Current
-
120
mA
Power Dissipation
-
0.5
W
Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameters Description
Test Conditions(1)
Min
Typ (2)
Max
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
-0.5
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
μA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
μA
IOZH
High Impedance Output Current 0 ≤ IN, YN ≤ VCC
±1
μA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
-1.2
V
RON
Switch On Resistance(3)
VCC = Min., VIN = 0.0V, ION = 48mA
or 64mA
5
8
Ω
VCC = Min, VIN = 2.4V, ION = 15mA
10
17
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1) Description
Test Conditions
Typ
Units
CIN
Input Capacitance
VIN = 0V
3.0
pF
COFF
A/B Capacitance, Switch Off
VIN = 0V
8.0
pF
CON
A/B Capacitance, Switch On
VIN = 0V
16.0
pF
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined by the lower of the voltages on the two
(A,B) pins.
4. This parameter is determined by device characterization but is not production tested.
11-0003



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com