Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3244LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B3244LE
Description  3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3244LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B3244LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.pericom.com
PS8149H
09/27/10
All trademarks are property of their respective owners.
PI3B3244
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min
Typ (2)
Max
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND or VCC
0.1
3.0
μA
ΔICC
Supply Current
per Input @ TTL
HIGH
VCC = Max.
VIN = 3.0V(3)
750
μA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control input only); A and B pins do not contribute to ICC.
Switching Characteristics over Operating Range
Parameters Description
Test Conditions(1)
Com.
Units
Min
Max
tPLH
tPHL
Propagation Delay(2,3)
Ax to Bx
CL = 50 pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
BE to Ax or Bx
1.0
4.0
tPHZ
tPLZ
Bus Disable Time
BE to Ax or Bx
1.0
4.5
Notes:
1. See test circuit and wave forms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load ca-
pacitance. The time constant for the switch alone is of the order of 0.25 ns for 50 pF load. Since this time constant is much smaller
than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus
switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load
on the driven side.
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a + 3.3V supply, IN may be
driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing and Hot-Plug Information
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to
input/output or control pins.
Rail-to-Rail is a registeredtrademark of Nippon Motorola, Ltd.
11-0003



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com