Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD Datasheet(PDF) 1 Page - Picker Components

Part # PCD
Description  10 to 40 amp output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCD Datasheet(HTML) 1 Page - Picker Components

  PCD Datasheet HTML 1Page - Picker Components PCD Datasheet HTML 2Page - Picker Components PCD Datasheet HTML 3Page - Picker Components PCD Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
PCD210-440 Rev A 6-6-02
PAGE 1
PART NUMBER
Input Voltage
Maximum
Maximum
Maximum
Minimum
Zero
Trigger
Output
Output
Output
Cross
Current
Currnet
Voltage
Voltage
PCD210AC8-X
4-32 VDC
10 mA
10 Amps
250 VAC
50 VAC
Y
PCD215AC8-X
4-32 VDC
25 mA
15 Amps
250VAC
50 VAC
Y
PCD225AC8-X
4-32 VDC
25 mA
25 Amps
250 VAC
50 VAC
Y
PCD240AC8-X
4-32 VDC
25 mA
40 Amps
250 VAC
50 VAC
Y
PCD425AC8-X
4-32 VDC
25 mA
25 Amps
480 VAC
75 VAC
Y
PCD440AC8-X
4-32 VDC
25 mA
40 Amps
480 VAC
75 VAC
Y
Note: -X denotes Lead Free


Similar Part No. - PCD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCD MACOM-PCD Datasheet
77Kb / 2P
15 Amp Low Profile Power PC Board Relay
PCD MACOM-PCD Datasheet
139Kb / 2P
Low Profile PCB Relay
logo
Molex Electronics Ltd.
PCD-01000-0C MOLEX-PCD-01000-0C Datasheet
110Kb / 1P
FEATURES AND SPECIFICATIONS
PCD-01000-0E MOLEX-PCD-01000-0E Datasheet
110Kb / 1P
FEATURES AND SPECIFICATIONS
PCD-01000-0H MOLEX-PCD-01000-0H Datasheet
110Kb / 1P
FEATURES AND SPECIFICATIONS
More results

Similar Description - PCD

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N6095 MCC-1N6095 Datasheet
109Kb / 2P
25 Amp Schottky 30 to 40 Volts
logo
List of Unclassifed Man...
STK3082II ETC-STK3082II Datasheet
88Kb / 1P
VOLTAGE AMP, FOR 40 TO SOW AF POWER AMP.
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
List of Unclassifed Man...
KBPC10 ETC1-KBPC10 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
Solid States Devices, I...
SSR1040G SSDI-SSR1040G Datasheet
86Kb / 2P
10 AMP 40 VOLTS SCHOTTKY RECTIFIER
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
40 Amp Single Output Quarter Brick DC/DC Converter
logo
Central Semiconductor C...
CPD32X CENTRAL-CPD32X Datasheet
541Kb / 2P
Schottky Rectifier Die 10 Amp, 40 Volt
logo
M.S. Kennedy Corporatio...
MSK4460 MSK-MSK4460_15 Datasheet
138Kb / 7P
10 Amp Output Switch Capability
logo
FCI connector
KBPC10XX FCI-CONNECTOR-KBPC10XX Datasheet
198Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
Micro Commercial Compon...
SBLB1040 MCC-SBLB1040 Datasheet
239Kb / 2P
10 Amp Low VF Schottky Barrier Rectifier 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com